Electronic Components Datasheet Search
  English  ▼

X  

MPLL-BW Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPLL-BW
Description  Broadband phase locked synthesizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPLL-BW Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPLL-BW Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPLL-BW series
Pin No.
Function
Pin No.
Function
1
Vpll
14
LD
3
REFin
15
Data
8
Vvco
16
LE
11
RFout
17
GND
Clock
MPLL75ABW-100k
50-100
2±3
100
<15
-10
-70
-120
+5/5
+15/45
MPLL140ABW-125k
100-180
2±3
125
<15
-12
-70
-115
+5/5
+15/45
MPLL450CBW-200k
300-600
2±3
200
<15
-12
-70
-100
+5/12
+15/55
MPLL1200CBW-500k
950-1450
3±3
500
<5
-12
-70
-100
+5/12
+12/65
MPLL2600CBW-250k
2200-3000
2±3
250
<5
-15
-70
-95
+5/12
+15/65
MPLL3950EBW-500k
3700-4200
0±3
500
<5
-15
-70
-90
+3.3/15
+15/65
MPLL4900EBW-1M
4600-5200
0±3
1000
<5
-15
-70
-90
+3.3/15
+15/65
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
☆
MPLL1200CBW-500K
09.35
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Broadband phase locked synthesizer
l
l
l
Broadband, octave bandwidth available
Frequency range 25~6000MHz
Small size 25*20*4.5mm
Features
MHz
dBm
dBc
dBc/Hz
2nd
kHz
mS
dBc
Vpll/Ipll Vvco/Ivco
V/mA
V/mA
Part number
Frequency
Power
output
Step
size
Switching
time
Harmonic
output
Spurious
output
Phase
noise
@10kHz
Package information
l
Outline Drawing
l
Pin functions
Others
66


Similar Part No. - MPLL-BW

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL-A BOWEI-MPLL-A Datasheet
124Kb / 1P
Phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
Fast Switching Synthesizer
More results

Similar Description - MPLL-BW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-A BOWEI-MPLL-A Datasheet
124Kb / 1P
Phase locked synthesizer
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
SMT X band phase locked synthesizer
HMPLL-L BOWEI-HMPLL-L Datasheet
89Kb / 1P
Connectorized Phase Locked Synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com