Electronic Components Datasheet Search
  English  ▼

X  

MP7628 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7628
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7628 Datasheet HTML 2Page - Exar Corporation MP7628 Datasheet HTML 3Page - Exar Corporation MP7628 Datasheet HTML 4Page - Exar Corporation MP7628 Datasheet HTML 5Page - Exar Corporation MP7628 Datasheet HTML 6Page - Exar Corporation MP7628 Datasheet HTML 7Page - Exar Corporation MP7628 Datasheet HTML 8Page - Exar Corporation MP7628 Datasheet HTML 9Page - Exar Corporation MP7628 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7628
6
Rev. 2.00
TIMING DIAGRAM READ CYCLE
3-state
Data (A)
3-state
Data (B)
A/B
R/W
DS1
DS2
BUS (D )
N
Set up time for BUS, A/B, R/W
Minimum DS = low pulse
Minimum time between DS = low pulses
Data delay time
tR = tDSR + tNR
= 40 ns
tS
= 320 ns
tDSR (min)
= 120 ns
tNR
= 200 ns
tD
H
tDSR
tNR
tD
tD
tS
TIMING DIAGRAM WRITE CYCLE
Data (A)
Data (B)
A/B
R/W
DS1
DS2
Set up time for BUS, A/B, R/W
Minimum DS = low pulse
Minimum time between DS = low pulses
Data delay time
tW = tDSW + tNW
= 40 ns
tS
= 200 ns
tDSW (min)
= 120 ns
tNW
= 110 ns
tD
tD
A Select
B Select
Last Data
Data (A)
Last Data
Data (B)
DATA (DN )
DAC A OUT
DAC B OUT
H
L
H
tDSW
tS
tNW
tS + tD
tDHLD
MODE SELECTION TABLE
L
H
H
L
WRITE
A
L
H
L
L
WRITE
B
H
L
H
L
WRITE
C
H
L
L
L
WRITE
D
L
H
H
H
READ
A
L
H
L
H
READ
B
H
L
H
H
READ
C
H
L
L
H
READ
D
L
L
H
L
WRITE
A & C
L
L
L
L
WRITE
B & D
H
H
X
X
HOLD
A/B/C/D
L
L
H
H
HOLD
A/B/C/D
L
L
L
H
HOLD
A/B/C/D
DS1
DS2
A/B
R/W
MODE
DAC
L = LOW STATE
H = HIGH STATE
X = DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com