Electronic Components Datasheet Search
  English  ▼

X  

SD403C Datasheet(PDF) 6 Page - International Rectifier

Part # SD403C
Description  FAST RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C Datasheet(HTML) 6 Page - International Rectifier

  SD403C Datasheet HTML 1Page - International Rectifier SD403C Datasheet HTML 2Page - International Rectifier SD403C Datasheet HTML 3Page - International Rectifier SD403C Datasheet HTML 4Page - International Rectifier SD403C Datasheet HTML 5Page - International Rectifier SD403C Datasheet HTML 6Page - International Rectifier SD403C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD403C..C Series
6
Bulletin I2067 rev. C 04/00
www.irf.com
Fig. 16 - Recovery Current Characteristics
Fig. 13 - Recovery Current Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristic
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 11 - Recovery Time Characteristics
Fig. 12 - Recovery Charge Characteristics
Fig. 14 - Recovery Time Characteristics
Fig. 15 - Recovery Charge Characteristics
0. 00 1
0. 01
0. 1
1
0. 00 1
0 . 0 1
0 . 1
1
1 0
1 00
S q u a re W a v e P u lse D u ra tio n ( s)
S tea d y St a t e V a lu e
R
= 0 . 1 6 K /W
( S in g le Sid e C o o le d )
R
= 0 . 0 8 K /W
( D oub le S id e C o o led )
(D C O p e ra t io n )
thJ -hs
thJ - hs
SD 4 0 3 C ..C S e rie s
10
100
1000
10000
01
23
456
7
In st an ta n e o us Fo rw ar d V o lta g e ( V )
T = 25 °C
J
T = 125 °C
J
SD 403C . .C Se r ie s
10
20
30
40
50
60
70
80
90
10 20 30 4 0 50 60 7 0 80 9 0 10 0
Ra te O f Fall O f Fo rw ard C urre nt - di/d t (A /µs)
20 0 A
400 A
I
= 750 A
Sq ua re Pu ls e
FM
SD40 3C ..S10C Series
T = 12 5 °C ; V = 30V
r
J
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
0
2 04 06 08 0
1 0 0
R a te O f Fa ll O f Fo rw ard C urre nt - di/d t (A /µs)
200 A
400 A
I
= 7 50 A
Sq ua re Pulse
FM
SD 4 0 3 C .. S1 0 C Se rie s
T = 125 ° C; V
= 3 0 V
r
J
1. 6
1. 8
2
2. 2
2. 4
2. 6
2. 8
10
100
Ra t e O f F a ll O f F orw a rd Current - d i/d t (A /µs )
20 0 A
I
= 7 50 A
Sq ua re Puls e
40 0 A
FM
SD 4 03C . . S10C Se ries
T = 1 25 ° C; V
= 3 0 V
r
J
10
20
30
40
50
60
70
80
90
100
110
120
130
1 0 20 3 0 40 5 0 60 70 80 9 0 10 0
R a te O f Fa ll O f Forw ard C urre nt - di/d t ( A/µs)
200 A
I
= 750 A
Sq u a re Pu ls e
FM
400 A
SD 4 03C . . S15 C S e rie s
T = 12 5 °C ; V
= 30V
r
J
50
60
70
80
90
100
110
120
130
140
150
160
170
0
2 04 06 08 0
1 0 0
Ra te O f Fall O f Fo rw ard C urre nt - d i/d t ( A/µs)
20 0 A
I
= 75 0 A
Sq ua re Puls e
40 0 A
FM
SD 40 3C . . S15C Se rie s
T = 12 5 ° C ; V
= 30V
r
J
1. 5
2
2. 5
3
3. 5
10
1 0 0
Ra te O f Fall O f Fo rw ard C urren t - di/d t (A/µs)
200 A
I
= 750 A
Sq ua re Puls e
400 A
FM
S D 403C .. S1 5C S e rie s
T = 125 °C ; V
= 30V
r
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com