Electronic Components Datasheet Search
  English  ▼

X  

SN74HC02DBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC02DBLE
Description  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02DBLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC02DBLE Datasheet HTML 1Page - Texas Instruments SN74HC02DBLE Datasheet HTML 2Page - Texas Instruments SN74HC02DBLE Datasheet HTML 3Page - Texas Instruments SN74HC02DBLE Datasheet HTML 4Page - Texas Instruments SN74HC02DBLE Datasheet HTML 5Page - Texas Instruments SN74HC02DBLE Datasheet HTML 6Page - Texas Instruments SN74HC02DBLE Datasheet HTML 7Page - Texas Instruments SN74HC02DBLE Datasheet HTML 8Page - Texas Instruments SN74HC02DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
SN54HC02, SN74HC02
www.ti.com
SCLS076F – DECEMBER 1982 – REVISED APRIL 2015
Product Folder Links: SN54HC02 SN74HC02
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information – SN74HC02
THERMAL METRIC(1)
SN74HC02
UNIT
D
(SOIC)
DB
(SSOP)
N
(PDIP)
NS
(SO)
PW
(TSSOP)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(1)
94
105.4
54.9
88.8
119.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.2
57.3
42.5
46.5
48.4
°C/W
RθJB
Junction-to-board thermal resistance
48.7
52.7
34.7
47.6
61.3
°C/W
ψJT
Junction-to-top characterization parameter
15.6
22.6
27.9
16.8
5.6
°C/W
ψJB
Junction-to-board characterization parameter
48.4
52.2
34.6
47.2
60.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information – SN54HC02
THERMAL METRIC(1)
SN54HC02
UNIT
J
(CDIP)
W
(CFP)
FK
(LCCC)
14 PINS
14 PINS
20 PINS
RθJC(top)
Junction-to-case (top) thermal resistance
53.8
89.6
61.1
°C/W
RθJB
Junction-to-board thermal resistance
73.1
164.1
59.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
26.7
15.5
11.7
°C/W
6.6 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
2 V
1.9
1.998
V
4.5 V
4.4
4.499
6 V
5.9
5.999
IOH = –4 mA
4.5 V
TA = 25°C
3.98
4.3
SN54HC02
3.7
SN74HC02
3.84
IOH = –5.2 mA
6 V
TA = 25°C
5.48
5.8
SN54HC02
5.2
SN74HC02
5.34
VOL
VI = VIH or VIL
IOL = 20 µA
2 V
0.002
0.1
V
4.5 V
0.001
0.1
6 V
0.001
0.1
IOL = 4 mA
4.5 V
TA = 25°C
0.17
0.26
SN54HC02
0.4
SN74HC02
0.33
IOL = 5.2 mA
6 V
TA = 25°C
0.15
0.26
SN54HC02
0.4
SN74HC02
0.33
II
VI = VCC or 0
6 V
TA = 25°C
±0.1
±100
nA
SN54HC02,
SN74HC02
±1000
ICC
VI = VCC or 0, IO = 0
6 V
TA = 25°C
2
µA
SN54HC02
40
SN74HC02
20
Ci
2 V to 6 V
3
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com