Electronic Components Datasheet Search
  English  ▼

X  

SMM0204 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMM0204
Description  Metal Film, Cylindrical Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMM0204 Datasheet HTML 1Page - Vishay Siliconix SMM0204 Datasheet HTML 2Page - Vishay Siliconix SMM0204 Datasheet HTML 3Page - Vishay Siliconix SMM0204 Datasheet HTML 4Page - Vishay Siliconix SMM0204 Datasheet HTML 5Page - Vishay Siliconix SMM0204 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
9
SMM0204 / MS1
Vishay Draloric
Document Number 20004
Revision 21-Oct-02
For Technical Questions contact : ff1aresistors@vishay.com
MODEL
DIMENSIONS [in millimeters]
Dmax
d *
L
A max
A min
SMM0204-MS1
1.4
D -0.15
3.6 - 0.15
0.85
0.5
*d measured in the middle of the resistor
SOLDER PAD DIMENSIONS [in millimeters]
MODEL
REFLOW SOLDERING
WAVE SOLDERING
ab
l
a
b
l
SMM0204-MS1
1.0
1.6
2.2
1.2
1.6
2.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SMM0204 – MS1
Rated Dissipation at 70
°C
W
0.25
Limiting Element Voltage 2)
V
200
Insulation Voltage (1 min)
V dc/ac peak
> 300
Thermal Resistance 1)
K/W
≤ 220
Insulation Resistance
Ω≥ 10 10
Category Temperature Range
°C
- 55 / + 125 (+ 155)
Failure Rate
10 –9 /h
< 1
Weight / 1000pcs
g
18
1) Based on measurements on test board acc. to EN 140000
2) Rated voltage:
PxR
Metal Film Cylindrical Resistors
DIMENSIONS
Temperature rise
-55
- 25
0
25
50
75
100
125
155
0
20
40
60
80
100
120
Ambient Temperature in
°C
Derating
70
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
Power in W
on epoxy glass (PCB)
on ceramic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com