Electronic Components Datasheet Search
  English  ▼

X  

SN74F32 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F32 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F32 Datasheet HTML 1Page - Texas Instruments SN74F32 Datasheet HTML 2Page - Texas Instruments SN74F32 Datasheet HTML 3Page - Texas Instruments SN74F32 Datasheet HTML 4Page - Texas Instruments SN74F32 Datasheet HTML 5Page - Texas Instruments SN74F32 Datasheet HTML 6Page - Texas Instruments SN74F32 Datasheet HTML 7Page - Texas Instruments SN74F32 Datasheet HTML 8Page - Texas Instruments SN74F32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54F32, SN74F32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SDFS044B – MARCH 1987 – REVISED MAY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54F32
SN74F32
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
Y
2.2
3.8
5.6
2.2
7.5
2.2
6.6
ns
tPHL
A or B
Y
2.2
3.6
5.3
1.7
7.5
2.2
6.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com