Electronic Components Datasheet Search
  English  ▼

X  

SSM2019BN Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2019BN
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019BN Datasheet(HTML) 3 Page - Analog Devices

  SSM2019BN Datasheet HTML 1Page - Analog Devices SSM2019BN Datasheet HTML 2Page - Analog Devices SSM2019BN Datasheet HTML 3Page - Analog Devices SSM2019BN Datasheet HTML 4Page - Analog Devices SSM2019BN Datasheet HTML 5Page - Analog Devices SSM2019BN Datasheet HTML 6Page - Analog Devices SSM2019BN Datasheet HTML 7Page - Analog Devices SSM2019BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
SSM2019
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±19 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . 10 sec
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Thermal Resistance
2
8-Lead PDIP (N) . . . . . . . . . . . . . . . . . . . . . . .
JA = 96
∞C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JC = 37
∞C/W
16-Lead SOIC (RW)
. . . . . . . . . . . . . . . . . . . .
JA = 92
∞C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JC = 27
∞C/W
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2
qJA is specified for worst-case mounting conditions, i.e., qJA is specified for device
in socket for PDIP;
qJA is specified for device soldered to printed circuit board for
SOIC package.
FREQUENCY – Hz
0.0001
10
0.001
0.01
0.1
20
100
1k
10k 20k
15V
VS
18V
7Vrms
VO
10Vrms
RL 600
BW = 80kHz
G = 10
G = 1000
G = 100
G = 1
TPC 1. Typical THD + Noise vs. Gain
FREQUENCY – Hz
0.1
110
100
1k
10k
1
10
100
TA = 25 C
VS = 15V
G = 1000
TPC 2. Voltage Noise Density vs. Frequency
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the SSM2019 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
Typical Performance Characteristics
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2019BN
–40
∞C to +85∞C8-Lead PDIP
N-8
SSM2019BRW
–40
∞C to +85∞C 16-Lead SOIC
RW-16
SSM2019BRWRL –40
∞C to +85∞C 16-Lead SOIC, Reel RW-16
SSM2019BRN
*
–40
∞C to +85∞C8-Lead SOIC
RN-8
SSM2019BRNRL
* –40
∞C to +85∞C8-Lead SOIC, Reel RN-8
*Consult factory for availability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com