Electronic Components Datasheet Search
  English  ▼

X  

ST16C452 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C452
Description  DUAL UART WITH PARALLEL PRINTER PORT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C452 Datasheet HTML 1Page - Exar Corporation ST16C452 Datasheet HTML 2Page - Exar Corporation ST16C452 Datasheet HTML 3Page - Exar Corporation ST16C452 Datasheet HTML 4Page - Exar Corporation ST16C452 Datasheet HTML 5Page - Exar Corporation ST16C452 Datasheet HTML 6Page - Exar Corporation ST16C452 Datasheet HTML 7Page - Exar Corporation ST16C452 Datasheet HTML 8Page - Exar Corporation ST16C452 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
ST16C452/452PS
Rev. 3.20
SYMBOL DESCRIPTION
Symbol
Pin
Signal Type
Pin Description
for either UART channels A/B or A0-A1 for the printer port,
onto D0-D7 data bus for a read cycle by an external CPU.
-IOW
36
I
Write strobe.- A logic 0 transition on this pin will transfer the
data on the internal data bus (D0-D7), as defined by either
address bits A0-A2 for UART channels A/B or A0-A1 for the
printer port, into an internal register during a write cycle from
an external CPU.
PD7-PD0
46-53
I/O
Printer Data port (Bi-directional three state) - These pins are
the eight bit, three state data bus for transferring information
to or from an external device (usually a printer). D0 is the
least significant bit. PD7-PD0 are latched during a write
cycle (output mode).
PE
67
I
Paper Empty - General purpose input or line printer paper
empty (Internal pull-up). This pin can be connected to
provide a printer out of paper indication.
RDOUT
44
O
Read Out (active high) - This pin goes to a logic 1 when the
external CPU is reading data from the 452/452PS. This
signal can be used to enable/disable external transceivers
or other logic functions.
-RESET
39
I
Master Reset (active low) - a logic 0 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C452/452PS External Reset Conditions for
initialization details.)
N.C.
9,61
Not Used. Should be left open.
SLCT
65
I
Select (with internal pull-up) - General purpose input or line
printer select status. Normally this pin is connected to a
printer output (active low) that indicates the ready status of
a printer, i.e., on-line and/or on-line and ready.
-SLCTIN
58
I/O
Select In (open drain, with internal pull-up) - General
purpose I/O or line printer select. This pin can be read via
Bit-3 in the printer command register, or written via bit-3 in
the printer control register. As this pin is open-drain, it can be
wire-or’d with other outputs. Normally this signal is connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com