Electronic Components Datasheet Search
  English  ▼

X  

ST16C654 Datasheet(PDF) 21 Page - Exar Corporation

Part # ST16C654
Description  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654 Datasheet(HTML) 21 Page - Exar Corporation

Back Button ST16C654 Datasheet HTML 17Page - Exar Corporation ST16C654 Datasheet HTML 18Page - Exar Corporation ST16C654 Datasheet HTML 19Page - Exar Corporation ST16C654 Datasheet HTML 20Page - Exar Corporation ST16C654 Datasheet HTML 21Page - Exar Corporation ST16C654 Datasheet HTML 22Page - Exar Corporation ST16C654 Datasheet HTML 23Page - Exar Corporation ST16C654 Datasheet HTML 24Page - Exar Corporation ST16C654 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ST16C654/654D




2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
REV. 5.0.0
21
FIGURE 13. INTERNAL LOOP BACK IN CHANNEL A AND B
TX A-D
RX A-D
RTS# A-D
MCR bit-4=1
VCC
VCC
Transmit Shift Register
(THR/FIFO)
Receive Shift Register
(RHR/FIFO)
CTS# A-D
DTR# A-D
DSR# A-D
RI# A-D
CD# A-D
OP1#
OP2#
RTS#
CTS#
DTR#
DSR#
RI#
CD#
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com