Electronic Components Datasheet Search
  English  ▼

X  

XR3160E Datasheet(PDF) 21 Page - Exar Corporation

Part # XR3160E
Description  RS-232/RS-485/RS-422 TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3160E Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR3160E Datasheet HTML 15Page - Exar Corporation XR3160E Datasheet HTML 16Page - Exar Corporation XR3160E Datasheet HTML 17Page - Exar Corporation XR3160E Datasheet HTML 18Page - Exar Corporation XR3160E Datasheet HTML 19Page - Exar Corporation XR3160E Datasheet HTML 20Page - Exar Corporation XR3160E Datasheet HTML 21Page - Exar Corporation XR3160E Datasheet HTML 22Page - Exar Corporation XR3160E Datasheet HTML 23Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
XR3160E
21
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
* Y and Z correspond to pins 6 and 5. A and B correspond to pins 13 and 14.
TABLE 3: RS-485/422 TX TRUTH TABLE
INPUTS
OUTPUTS
SHDN
RS-485/RS-232
DE/T2IN
DI/T1IN
Z(B)/T1OUT
Y(A)/T2OUT
0
X
X
X
1/8th unit load
1/8th unit load
1
1
0
X
1/8th unit load
1/8th unit load
1
1
1
0
1
0
1
1
1
1
0
1
X
0
X
X
RS-232 Mode
TABLE 4: RS-485/422 RX TRUTH TABLE
INPUTS
OUTPUT
RS-485/RS-232
SHDN
HALF/FULL
(A-B)
(Y-Z)
RO/R2OUT
1
0
X
X
X
High-Z
1
1
0
-50mV
X
1
1
1
0
-200mV
X
0
1
1
0
Floating
X
1
1
1
1
X
-50mV
1
1
1
1
X
-200mV
0
1
1
1
X
Floating
1
0
X
X
X
X
RS-232 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com