| Electronic Components Datasheet Search |
|
XR22802 Datasheet(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XR22802 Datasheet(HTML) 39 Page - Exar Corporation |
|
39 / 46 page ![]() © 2015 Exar Corporation XR22802 39 / 46 exar.com/XR22802 Rev 1B EDGE_PULL_UP_0 (0x3C7) - Read/Write EDGE_PULL_DOWN_0 (0x3C8) - Read/Write EDGE_INTR_MASK_0 (0x3C9) - Read/Write EDGE_INTR_POS_EDGE_0 (0x3CA) - Read/Write Bit Default Description 15:0 0xFFFF E[15:0] 0: Disable internal pull-up resistor on IO pin assigned to EDGE function and configured as an input 1: Enable internal pull-up resistor on IO pin assigned to EDGE function and configured as an input Bit Default Description 15:0 0x0000 E[15:0] 0: Disable internal pull-down resistor on IO pin assigned to EDGE function and configured as an input 1: Enable internal pull-down resistor on IO pin assigned to EDGE function and configured as an input Bit Default Description 15:0 0x0000 E[15:0] Writing a ’1’ in this register enables an input pin for the corresponding bit position EDGE IO pin(s) configured as an input to generate an interrupt if either EDGE_INTR_POS_EDGE and / or EDGE _INTR_NEG_EDGE regis- ters has also been enabled. An EDGE pin configured as an output has no effect. 0: IO pin will not generate an interrupt 1: IO pin assigned to EDGE function and configured as an input will generate an interrupt Bit Default Description 15:0 0xFFFF E[15:0] Writing a ’1’ in this register enables an interrupt to be generated on the rising edge of the corresponding bit posi- tion EDGE IO pin(s) configured as an input if the EDGE_INTR_MASK register is enabled for that pin. If the EDGE_INTR_NEG_EDGE register is also enabled, interrupts will be generated on both edges. Writing to an EDGE pin configured as an output has no effect. 0: IO pin will not generate an interrupt on rising edge 1: IO pin assigned to EDGE function and configured as an input will generate an interrupt on rising edge if cor- responding EDGE_INTR_MASK bit is set |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |