| Electronic Components Datasheet Search |
|
XR22804 Datasheet(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XR22804 Datasheet(HTML) 39 Page - Exar Corporation |
|
39 / 47 page ![]() © 2015 Exar Corporation XR22804 39 / 47 exar.com/XR22804 Rev 1B EDGE_SET_0 (0x3C2) - Write Only EDGE_CLEAR_0 (0x3C3) - Write Only EDGE_STATE_0 (0x3C4) - Read/Write EDGE_TRI_STATE_0 (0x3C5) - Read/Write EDGE_OPEN_DRAIN_0 (0x3C6) - Read/Write Bit Default Description 15:0 0x0000 E[15:0] 0: No effect 1: Set IO pin assigned to EDGE function and configured as an output to a logic ‘1’ Bit Default Description 15:0 0x0000 E[15:0] 0: No effect 1: Clear IO pin assigned to EDGE function and configured as an output to a logic ‘0’ Bit Default Description 15:0 0x0000 E[15:0] Writing in this register sets or clears the EDGE IO pin(s) configured as an output. Writing to an EDGE pin con- figured as an input has no effect. Reading this register returns the state of each IO pin configured as an EDGE pin irrespective of whether it is configured as an input or output. Note that output transitions across multiple IO pins may be slightly staggered. Refer to EDGE section on page 17. 0: Write clears the corresponding bit to a ‘0’. Read returns the current state. 1: Write sets the corresponding bit to a ‘1’. Read returns the current state. Bit Default Description 15:0 0x0000 E[15:0] 0: IO pin assigned to EDGE function and configured as an output is actively driven 1: IO pin assigned to EDGE function and configured as an output is tri-stated Bit Default Description 15:0 0x0000 E[15:0] Note that XR22804 open drain outputs have a weak internal pull-up. 0: IO pin assigned to EDGE function and configured as an output is a push-pull output 1: IO pin assigned to EDGE function and configured as an output is an open drain output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |