Electronic Components Datasheet Search
  English  ▼

X  

CDEIR10D50MENP-R22MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEIR10D50MENP-R22MC
Description  SMD Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR10D50MENP-R22MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDEIR10D50MENP-R22MC Datasheet HTML 1Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 2Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 3Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 4Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 5Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 6Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 7Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD Power Inductor
CDEIR10D50ME
Note
: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver. 1.0 (2015.09)
www.sumida.com
Description
•
Metal alloy core construction
•
Magnetically shielded
•
L×W×H: 11.5×10.7×5.2mm Max.
•
Product weight : 2.7 g (Ref.)
•
Moisture Sensitivity Level: 1
Applications
•
Ideally used in Notebook, PDA and other high current application
Environmental Data
•
Operating temperature range: -40
℃~+125℃ (including coil’s self temperature rise)
•
Storage temperature range: -40
℃~+125℃
Packaging
•
Carrier tape and reel packaging.
•
13.0”diameter reel
•
500pcs per reel
Dimension - [mm]
11.0±0.5
10
.4
±
0.
3
1.
8
5.2 Max.
6.0
2.2
Land pattern and Schematics - [mm]
13
5
4
S
F


Similar Part No. - CDEIR10D50MENP-R22MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
SMD Power Inductor
More results

Similar Description - CDEIR10D50MENP-R22MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com