Electronic Components Datasheet Search
  English  ▼

X  

TPS62040DRC Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62040DRC
Description  1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62040DRC Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62040DRC Datasheet HTML 9Page - Texas Instruments TPS62040DRC Datasheet HTML 10Page - Texas Instruments TPS62040DRC Datasheet HTML 11Page - Texas Instruments TPS62040DRC Datasheet HTML 12Page - Texas Instruments TPS62040DRC Datasheet HTML 13Page - Texas Instruments TPS62040DRC Datasheet HTML 14Page - Texas Instruments TPS62040DRC Datasheet HTML 15Page - Texas Instruments TPS62040DRC Datasheet HTML 16Page - Texas Instruments TPS62040DRC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS62040
TPS62042,TPS62043
TPS62044,TPS62046
SLVS463A − JUNE 2003 − REVISED OCTOBER 2003
www.ti.com
13
APPLICATION INFORMATION
ADJUSTABLE OUTPUT VOLTAGE VERSION
When the adjustable output voltage version TPS62040 is used, the output voltage is set by the external resistor
divider. See Figure 15.
The output voltage is calculated as:
V
O +
0.5 V
1
) R1
R2
with R1 + R2
≤ 1 MΩ and internal reference voltage Vref typical = 0.5 V
R1 + R2 should not be greater than 1 M
Ω because of stability reasons. To keep the operating quiescent current to
a minimum, the feedback resistor divider should have high impedance with R1+R2
≤1 MΩ. Due to this and the low
reference voltage of Vref = 0.5 V, the noise on the feedback pin (FB) needs to be minimized. Using a capacitive divider
C1 and C2 across the feedback resistors minimizes the noise at the feedback, without degrading the line or load
transient performance.
C1 and C2 should be selected as:
C1
+
1
2
p
10 kHz
R1
with:
R1 = upper resistor of voltage divider
C1 = upper capacitor of voltage divider
For C1 a value should be chosen that comes closest to the calculated result.
C2
+ R1
R2
C1
with:
R2 = lower resistor of voltage divider
C2 = lower capacitor of voltage divider
For C2, the selected capacitor value should always be selected larger than the calculated result. For example, in
Figure 15 for C2 100 pF are selected for a calculated result of C2 = 88.42 pF.
If quiescent current is not a key design parameter C1 and C2 can be omitted, and a low impedance feedback divider
has to be used with R1 + R2
< 100 kΩ. This reduces the noise available on the feedback pin (FB) as well but increases
the overall quiescent current during operation. The higher the programmed output voltage the lower the feedback
impedance has to be for best operation when not using C1 and C2.
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
49
10
5
7
8
6
TPS62040
C3
10
µF
VI
2.5 V to 6 V
L1
10
µH
C4
10
µF
VO
1.8 V / 1.2 A
R1
470 k
Ω
R2
180 k
Ω
C1
33 pF
C2
100 pF
Figure 15. Adjustable Output Voltage Version
(3)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com