Electronic Components Datasheet Search
  English  ▼

X  

SN54HC273 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC273
Description  Octal D-Type Flip-Flops With Clear
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC273 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC273 Datasheet HTML 9Page - Texas Instruments SN54HC273 Datasheet HTML 10Page - Texas Instruments SN54HC273 Datasheet HTML 11Page - Texas Instruments SN54HC273 Datasheet HTML 12Page - Texas Instruments SN54HC273 Datasheet HTML 13Page - Texas Instruments SN54HC273 Datasheet HTML 14Page - Texas Instruments SN54HC273 Datasheet HTML 15Page - Texas Instruments SN54HC273 Datasheet HTML 16Page - Texas Instruments SN54HC273 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Vcc
tt(max)(ns)
0
10
20
50
60
70
80
2
4
5
6
Ta =25
o C
CL = 50pF
Q/Q
13
SN54HC273, SN74HC273
www.ti.com
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 3. Max Transition Time vs VCC
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
TI recommends a 0.1-µF capacitor. If there are multiple VCC pins, TI recommends a 0.01-µF or 0.022-µF
capacitor for each power pin. It is ok to parallel multiple bypass capacitors to reject different frequencies of noise.
0.1-µF and 1-µF capacitors are commonly used in parallel. The bypass capacitor must be installed as close to
the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs must not ever float. In many cases, functions or parts of functions of
digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only 3
of the 4 buffer gates are used. Such input pins must not be left unconnected because the undefined voltages at
the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances:
•
All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from
floating.
•
The logic level that must be applied to any particular unused input depends on the function of the device.
•
Generally they are tied to GND or VCC whichever make more sense or is more convenient.
11.2 Layout Example
Figure 4. SNx4HC273 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com