Electronic Components Datasheet Search
  English  ▼

X  

LM613 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM613 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM613 Datasheet HTML 9Page - Texas Instruments LM613 Datasheet HTML 10Page - Texas Instruments LM613 Datasheet HTML 11Page - Texas Instruments LM613 Datasheet HTML 12Page - Texas Instruments LM613 Datasheet HTML 13Page - Texas Instruments LM613 Datasheet HTML 14Page - Texas Instruments LM613 Datasheet HTML 15Page - Texas Instruments LM613 Datasheet HTML 16Page - Texas Instruments LM613 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LM613
www.ti.com
SNOSC11B – AUGUST 2000 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (Op Amps) (continued)
V
+ = 5V, V− = GND = 0V, V
CM = V
+/2, V
OUT = V
+/2, T
J = 25°C, unless otherwise noted
Op Amp Current Noise
Small-Signal Voltage Gain vs
vs Frequency
Frequency and Temperature
Figure 37.
Figure 38.
Small-Signal Voltage Gain
Follower Small-Signal
vs Frequency and Load
Frequency Response
Figure 39.
Figure 40.
Common-Mode Input
Power Supply Current
Voltage Rejection Ratio
vs Power Supply Voltage
Figure 41.
Figure 42.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com