Electronic Components Datasheet Search
  English  ▼

X  

CEP99 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP99
Description  Battery management system of automobiles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP99 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP99 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CEP99 / CEP99B
Rev 1.0 (25 Jul. 2016)
www.sumida.com
Page 1 of 1
2.5
Max.9.7
Max.10.0
0.5
◆ Outline
 Pulse transformer for Automobiles.
◆ Application
 Battery management system of automobiles
◆ Features
 SMD Type and 9mm square.
 High withstand Voltage
: 2,500Vrms
 Operating temperature
: - 40deg. ~ +125deg.
◆ Specifications
◆ Dimension & Circuit
(mm)
◆ Land Patterns
(mm)
Item
Specification
Testing condition
CEP99
CEP99B
Inductance
(1-4)
Min.
618
μH
Min.
1.62 mH
10 kHz,
20mV
Distributed Capacitance
(1-4)
Max.
5.2
pF
Max.
11.5 pF
CEP99
: 10 MHz, 20mV
CEP99B :
5 MHz,
20mV
Interwinding Capacitance
(1~4-5~8)
Max.
2.5
pF
Max.
2.5
pF
CEP99
: 10 kHz,
20mV
CEP99B : 100 kHz,
20mV
Leakage Inductance
(1-4)
Max.
28.6
μH
Max.
67.6
μH
CEP99
: 10 kHz, 20mV, (5~8)short
CEP99B : 100 kHz, 20mV, (5
~8)short
D.C.R.
(1-4)
Max. 1.34
ohm
Max. 2.06 ohm
at 20 deg.
Withstand Voltage
(1~4-5~8)
AC2,500V,
60sec
0.5mA, 50Hz/60Hz
Turn Ratio
(1-4:5-8)
1:1
-
(2,3) and (6,7)
Pattern short
Bottom view


Similar Part No. - CEP99

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
373Kb / 2P
DA1522-306
CEP99-102 SUMIDA-CEP99-102 Datasheet
373Kb / 2P
DA1522-306
CEP99B SUMIDA-CEP99B Datasheet
373Kb / 2P
DA1522-306
CEP99B-272 SUMIDA-CEP99B-272 Datasheet
373Kb / 2P
DA1522-306
CEP99P SUMIDA-CEP99P Datasheet
373Kb / 2P
DA1522-306
More results

Similar Description - CEP99

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1325 LINER-LTC1325 Datasheet
406Kb / 24P
Microprocessor-Controlled Battery Management System
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
Microprocessor-Controlled Battery Management System
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
Battery Management
logo
List of Unclassifed Man...
AXP171 ETC2-AXP171 Datasheet
1Mb / 41P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
Enhanced single Cell Li-Battery and Power System Management IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
Single Cell Li-Battery and Power System Management IC
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
Battery management system solution
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com