Electronic Components Datasheet Search
  English  ▼

X  

CDRH5D14NP-R60NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH5D14NP-R60NC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D14NP-R60NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH5D14NP-R60NC Datasheet HTML 1Page - Sumida Corporation CDRH5D14NP-R60NC Datasheet HTML 2Page - Sumida Corporation CDRH5D14NP-R60NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH5D14
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:6.4×6.0×1.5 mm Max.
• Product weight: 175mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -30
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 7.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in Mobile phone, Notebook PC,
MP3,PDA,HDD,DSC/DVC,Game machine,
etc as DC-DC converter inductors.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
5.8±0.2
1.5 Max.
6.
1
6.
1
2.2
3.
7
+0
.3
-0
.2
Adhesive
7.
0
2.6
3.
2
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.8
0.47
0.63
384(306)
22
±25%
220
CDRH5D14NP-220PC
1.0
0.54
0.85
230(185)
15
±25%
150
CDRH5D14NP-150PC
1.1
0.63
0.92
210(165)
12
±30%
120
CDRH5D14NP-120NC
1.3
0.72
1.1
148(115)
10
±30%
100
CDRH5D14NP-100NC
1.5
0.88
1.3
110(89)
6.8
±30%
6R8
CDRH5D14NP-6R8NC
1.9
1.0
1.5
77.2(62)
5.1
±30%
5R1
CDRH5D14NP-5R1NC
2.1
1.2
1.7
65.0(52)
3.9
±30%
3R9
CDRH5D14NP-3R9NC
2.4
1.3
1.9
53.7(43)
3.3
±30%
3R3
CDRH5D14NP-3R3NC
3.1
1.6
2.4
33.8(27)
2.0
±30%
2R0
CDRH5D14NP-2R0NC
3.5
2.0
2.8
27.5(22)
1.4
±30%
1R4
CDRH5D14NP-1R4NC
3.6
2.3
3.3
25.6(20)
1.0
±30%
1R0
CDRH5D14NP-1R0NC
3.9
2.8
4.5
22.7(18)
0.6
±30%
R60
CDRH5D14NP-R60NC
at 100
℃
at 20
℃
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R .(m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH5D14NP-R60NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
Power Inductors
CDRH5D14HPNP-100N SUMIDA-CDRH5D14HPNP-100N Datasheet
183Kb / 3P
Power Inductors
CDRH5D14HPNP-120N SUMIDA-CDRH5D14HPNP-120N Datasheet
183Kb / 3P
Power Inductors
CDRH5D14HPNP-150N SUMIDA-CDRH5D14HPNP-150N Datasheet
183Kb / 3P
Power Inductors
CDRH5D14HPNP-1R4N SUMIDA-CDRH5D14HPNP-1R4N Datasheet
183Kb / 3P
Power Inductors
More results

Similar Description - CDRH5D14NP-R60NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com