Electronic Components Datasheet Search
  English  ▼

X  

2CL73 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2CL73
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2CL73 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2CL73 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL73
VOLTAGE RANGE: 12 KV
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Ta=25°C,Resistive Load
5
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Maximum Forward Voltage Drop
Maximum Reverse Current
VF
at 25°C,IF
V
uA
uA
R
Storage Temperature
Tstg
Outline Drawings : mm
27 min.
27 min.
10
o 3.0
o 0.6
Cathode Mark
Lot No.
1.0
2CL73
35
5.0
2.0
0.5
12
pF
RRM
100
nS
peak
=IF(AV)
CURRENT: 5.0 m
A
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Features
Applications
·
·
·
·
·
·
·
·
·
Characteristic
Junction Capacitance
Cj
at 25°C,V
Maximum Reverse Recovery Time
Trr
at 25°C
at 25°C
V
at 100°C
=0V,f=1MHz
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
HIGH VOLTAGE RECTIFIER DIODES


Similar Part No. - 2CL73

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL73 EDI-2CL73 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL73 GETEDZ-2CL73 Datasheet
75Kb / 1P
5mA 12kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL73 ANSHAN-2CL73 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL73 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
American Microsemicondu...
2CL73 AMMSEMI-2CL73 Datasheet
558Kb / 4P
High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
2CL73 GETEDZ-2CL73 Datasheet
626Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL73

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com