Electronic Components Datasheet Search
  English  ▼

X  

LDH952A Datasheet(PDF) 5 Page - Texas Instruments

Part # LDH952A
Description  16-BIT REGISTERED TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDH952A Datasheet(HTML) 5 Page - Texas Instruments

  LDH952A Datasheet HTML 1Page - Texas Instruments LDH952A Datasheet HTML 2Page - Texas Instruments LDH952A Datasheet HTML 3Page - Texas Instruments LDH952A Datasheet HTML 4Page - Texas Instruments LDH952A Datasheet HTML 5Page - Texas Instruments LDH952A Datasheet HTML 6Page - Texas Instruments LDH952A Datasheet HTML 7Page - Texas Instruments LDH952A Datasheet HTML 8Page - Texas Instruments LDH952A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
SN74LVCH16952A
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS320L – NOVEMBER 1993 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
Control inputs VI = 0 to 5.5 V
3.6 V
±5
µA
VI = 0.58 V
15
1.65 V
VI = 1.07 V
–15
VI = 0.7 V
45
2.3 V
II(hold)
A or B ports
VI = 1.7 V
–45
µA
VI = 0.8 V
75
3 V
VI = 2 V
–75
VI = 0 to 3.6 V(2)
3.6 V
±500
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ(3)
VO = 0 V or (VCC to 5.5 V)
3.6 V
±10
µA
VI = VCC or GND, IO = 0
20
ICC
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(4), I
O = 0
20
∆I
CC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
Control inputs VI = VCC or GND
3.3 V
5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
8.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current required to switch the input from one state to another.
(3)
For the total leakage current in an I/O port, please consult the II(hold) specification for the input voltage condition 0 V < VI <VCC, and the
IOZ specification for the input voltage conditions VI = 0 V or VI = VCC to 5.5 V. The bus-hold current, at input voltage greater than VCC, is
negligible.
(4)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
130
150
150
150
MHz
tw
Pulse duration, CLK high or low
5
3.3
3.3
3.3
ns
Data before CLK
↑
5.8
3.4
3.4
2.8
tsu
Setup time
ns
CE before CLK
↑
1.4
1.3
1.8
1.4
Data after CLK
↑
0
0.5
0.5
0.5
th
Hold time
ns
CE after CLK
↑
1.1
1.6
1.1
1.9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com