Electronic Components Datasheet Search
  English  ▼

X  

2CL79 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2CL79
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2CL79 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2CL79 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL79
2CL79
CURRENT: 5.0m
A
VOLTAGE RANGE: 25V
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Outline Drawings : mm
25 min.
25 min.
12
o 3.0
o 0.5
Cathode Mark
Lot No.
50
25
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Features
Applications
5.0
5.0
1.0
0.5
100
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Ta=25°C,Resistive Load
125
125
-40 to +125
Units
kV
mA
A
°C
°C
°C
Maximum Forward Voltage Drop
Maximum Reverse Current
VF
V
uA
uA
R
stg
2.0
pF
RRM
nS
at 25°C,IF =IF(AV)
Characteristic
Maximum Reverse Recovery Time
Trr
at 25°C
Junction Capacitance
Cj
at 25°C,V =0V,f=1MHz
V
at 100°C
at 25°C
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Storage Temperature
T
HIGH VOLTAGE RECTIFIER DIODES


Similar Part No. - 2CL79

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79 Datasheet
101Kb / 1P
25kV 5mA HIGH VOLTAGE DIODES
2CL79 GETEDZ-2CL79 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
logo
Shanghai Leiditech Elec...
2CL79 LEIDITECH-2CL79 Datasheet
479Kb / 8P
The present specifications shall apply to plastic sealed high voltage Diode 2CL79
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
2CL79 GETEDZ-2CL79_17 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
More results

Similar Description - 2CL79

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com