Electronic Components Datasheet Search
  English  ▼

X  

LM9630 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9630
Description  LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9630 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9630 Datasheet HTML 1Page - National Semiconductor (TI) LM9630 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
General Description
The LM9630 is a high performance, low power, CMOS Active
Pixel Image Sensor capable of capturing monochrome images
at 580 frames per second.
In addition to the active pixel array, an on-chip 8 bit A/D conver-
tor, fixed pattern noise elimination circuits and a video gain
amplifier are provided.
The integrated programmable timing and control circuit allows
the user maximum flexibility in adjusting integration time and
frame rate. Furthermore, a fast read out circuit is provided allow-
ing a full frame to read out on a single 8-bit digital data bus in
less than 2ms.
The sensor utilizes a patented pixel design that incorporates an
integrated electronic shutter. This together with its ultra high sen-
sitivity makes the LM9630 an ideal choice for low light imaging
applications or applications where images of fast moving objects
need to be captured with minimum motion blur.
Applications
f
High Speed Motion Detection
f
IR Imaging
f
Low Light Imaging Applications
Features
f
Electronic shutter with global reset & pixel exposure.
f
Programmable analog video gain.
f
Integrated 8 bit analog to digital conversion.
f
Programmable integration time.
f
Programmable frame rate.
f
Master and slave mode of operation
f
On chip black level compensation.
f
Power down and low power modes.
f
I2C compatible serial interface.
f
10 bit digital video port (8 data, vertical & horizontal sync).
f
Power on reset with hardware and software override.
Key Specifications
Array Format
Total
Active
128H x 101V
118H x 96V
Effective Image Area
Total
Active
2.56 mm x 2.00 mm
2.36 mm x 1.92 mm
Optical Format
1/5”
Pixel Size
20
µm x 20µm
Video Outputs
8 Bit Digital
Frame Rate
580 frames per second
Dynamic Range
48 dB
Electronic Shutter
Global Reset
FPN
0.5%
PRMU
1.3%
Sensitivity
22 Volt/lux.s
Fill Factor
47%
Package
32 CLCC
Single Supply
3.3V +/- 10%
Power Consumption
110 mW
Operating Temp
-40oC to 85 oC
Chip Block Diagram
Column CDS
APS Array
Shift
Register
8 Bit A/D
AMP
d[7:0]
hsync
vsync
Master Timer
Register
Gain
POR
Digital
Image Data
Framer
Register Bank
Serial I/F
sda
sclk
Clock Gen
Reset Gen
mclk
reset
Register
Offset
+
May 2002


Similar Part No. - LM9630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9637BCEA NSC-LM9637BCEA Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9637EVAL-KIT NSC-LM9637EVAL-KIT Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9637HEADBOARD NSC-LM9637HEADBOARD Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9637SAMPLE-KIT NSC-LM9637SAMPLE-KIT Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
More results

Similar Description - LM9630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com