Electronic Components Datasheet Search
  English  ▼

X  

LT455BU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LT455BU
Description  PIEZO-CERAMIC FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT455BU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LT455BU Datasheet HTML 1Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 2Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 3Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 4Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 5Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1、使用范围
SCOPE
本产品规格书适用于通讯设备用陶瓷滤波器 LT455BU。
This specification should cover the characteristics of the
ceramic filter with 455kHz .
2、产品名称
PART NO:LT455BU
3、电气性能
ELECTRICAL
CHARACTERIST
序号
NO.
项
目
Item
规
格
Value/Specifications
3.1
中心频率
Center Frequency
(Fo)
455±2.0kHz
3.2
6dB 带宽
Band Width at 6dB
±15kHz min
3.3
40dB 带宽
Band Width at 40dB
±30 kHz
max
3.4
插入衰耗
Insertion Loss
4dB
max
3.5
通带波动
(fo±15kHz)
Ripple in Bandwidth
2.0 dB
max
3.6
阻带衰耗(fo±100kHz)
Stop
Band
Attenuation
(at
fo ±
100kHz)
30dB
min
3.7
中心频率温度特性(-25℃~+80℃)
Temperature
Coefficient
of
Center
Frequency(-25℃~+80℃)
50ppm/℃ max
3.8
群延迟
Group Delay Time Deviation
30μsec.max(455±5 kHz)
3.9
耐电压
Dielectric withstanding Voltage
100V.DC(1 minute)
3.10
输入输出阻抗
Input/Output impedance
1.5kΩ±10%
3.11
绝缘阻抗(DV 10V)
Insulation Resistance(DV 10V)
100MΩ
min
注:中心频率是-6 dB 带宽处的中心值。
Note: Center frequency shall be defined as the center value
of the bandwidth at 6dB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com