Electronic Components Datasheet Search
  English  ▼

X  

M39006/09 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button M39006/09 Datasheet HTML 2Page - Vishay Siliconix M39006/09 Datasheet HTML 3Page - Vishay Siliconix M39006/09 Datasheet HTML 4Page - Vishay Siliconix M39006/09 Datasheet HTML 5Page - Vishay Siliconix M39006/09 Datasheet HTML 6Page - Vishay Siliconix M39006/09 Datasheet HTML 7Page - Vishay Siliconix M39006/09 Datasheet HTML 8Page - Vishay Siliconix M39006/09 Datasheet HTML 9Page - Vishay Siliconix M39006/09 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.vishay.com
15
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
STANDARD/EXTENDED RATINGS: CLR65*, M39006/09-XXXX
Max. CAPACITANCE
CHANGE (%) at
+ 125
°C
+ 85
°C
- 55
°C
R
0.01
M
1.0
CAPACITANCE
(
µF)
CASE
CODE
CAP.
TOL.
(
± %)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
Max. DCL (
µA)
at
+ 25
°C
PART NO. M39006/09-
FAILURE RATE LEVEL (%/1000 HR)
P
0.1
L
2.0
100 WVDC at + 85
°C . . . 65 WVDC at + 125°C
2.5
2.5
2.5
4.7
4.7
4.7
11.0
11.0
11.0
22.0
22.0
22.0
30.0
30.0
30.0
43.0
43.0
43.0
86.0
86.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
9.0
9.0
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
+ 15
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 20
- 20
- 20
- 25
- 25
950
950
950
500
500
500
200
200
200
100
100
100
80
80
80
70
70
70
30
30
5.0
5.0
5.0
3.6
3.6
3.6
5.0
5.0
5.0
11.8
11.8
11.8
9.1
9.1
9.1
19.7
19.7
19.7
20.7
20.7
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
9.0
9.0
9.0
12.0
12.0
12.0
17.0
17.0
17.0
36.0
36.0
8579
8580
8581
8582
8583
8584
8585
8586
8587
8588
8589
8590
8591
8592
8593
8594
8595
8596
8597
8598
8784
8785
8786
8787
8788
8789
8790
8791
8792
8793
8794
8795
8796
8797
8798
8799
8800
8801
8802
8803
8169
8170
8171
8172
8173
8174
8175
8176
8177
8178
8179
8180
8181
8182
8183
8184
8185
8186
8187
8188
8374
8375
8376
8377
8378
8379
8380
8381
8382
8383
8384
8385
8386
8387
8388
8389
8390
8391
8392
8393
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
1.7
1.7
1.7
3.6
3.6
3.6
9.0
9.0
9.0
14.0
14.0
14.0
18.0
18.0
18.0
25.0
25.0
25.0
56.0
56.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8189
8190
8191
8192
8193
8194
8195
8196
8197
8198
8199
8200
8201
8202
8203
8204
8205
9026
9027
9028
8394
8395
8396
8397
8398
8399
8400
8401
8402
8403
8404
8405
8406
8407
8408
8409
8410
9029
9030
9031
8804
8805
8806
8807
8808
8809
8810
8811
8812
8813
8814
8815
8816
8817
8818
8819
8820
9035
9036
9037
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
10.0
10.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
7.0
7.0
7.0
9.0
9.0
9.0
13.0
13.0
13.0
40.0
40.0
7.0
7.0
7.0
4.1
4.1
4.1
10.2
10.2
10.2
12.7
12.7
12.7
15.0
15.0
15.0
19.0
19.0
19.0
17.5
17.5
8599
8600
8601
8602
8603
8604
8605
8606
8607
8608
8609
8610
8611
8612
8613
8614
8615
9032
9033
9034
1250
1250
1250
600
600
600
240
240
240
167
167
167
129
129
129
93
93
93
32
32
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 25
- 25
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
+ 15
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 15
* Style CLR65 is inactive for new military design. For new design use Style CLR79.
125 WVDC at + 85
°C . . . 85 WVDC at + 125°C
STYLE CLR65
VOLTAGE DERATING WITH TEMPERATURE
100
80
60
40
20
0
- 55
- 35
- 5
25
45
65
85
105
125
TEMPERATURE IN
°C
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com