Electronic Components Datasheet Search
  English  ▼

X  

M39006/22 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # M39006/22
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/22 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button M39006/22 Datasheet HTML 13Page - Vishay Siliconix M39006/22 Datasheet HTML 14Page - Vishay Siliconix M39006/22 Datasheet HTML 15Page - Vishay Siliconix M39006/22 Datasheet HTML 16Page - Vishay Siliconix M39006/22 Datasheet HTML 17Page - Vishay Siliconix M39006/22 Datasheet HTML 18Page - Vishay Siliconix M39006/22 Datasheet HTML 19Page - Vishay Siliconix M39006/22 Datasheet HTML 20Page - Vishay Siliconix M39006/22 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
26
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
Max. CAPACITANCE
CHANGE (%) at
Max. ESR
at + 25
°C
100kHz
(Ohms)
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/30-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR90, M39006/30-XXXX
+ 85
°C
+ 125
°C
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
T3
T3
T4
T4
10
5
20
10
0057
0058
0059
0060
0277
0278
0279
0280
0497
0498
0499
0500
2.0
2.0
4.0
4.0
16.0
16.0
16.0
16.0
22.0
22.0
25.0
25.0
25
25
23
23
- 64
- 64
- 80
- 80
+ 17.5
+ 17.5
+ 25
+ 25
+ 20
+ 20
+ 25
+ 25
0.75
0.75
0.44
0.44
1.99
1.99
1.99
1.66
1.66
1.66
1.11
1.11
1.11
1.12
1.12
1.12
0.78
0.78
0.78
0.71
0.71
0.71
0.47
0.47
155
155
155
90
90
90
75
75
75
50
50
50
35
35
35
30
30
30
23
23
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
- 24
- 24
- 24
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 32
- 32
- 32
- 56
- 56
- 56
- 80
- 80
2.5
2.5
2.5
5.0
5.0
5.0
6.5
6.5
6.5
9.0
9.0
9.0
12.5
12.5
12.5
16.0
16.0
16.0
20.0
20.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
7.0
7.0
7.0
10.0
10.0
10.0
16.0
16.0
16.0
24.0
24.0
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0061
0062
0063
0064
0065
0066
0067
0068
0069
0070
0071
0072
0073
0074
0075
0076
0077
0078
0079
0080
0281
0282
0283
0284
0285
0286
0287
0288
0289
0290
0291
0292
0293
0294
0295
0296
0297
0298
0299
0300
0501
0502
0503
0504
0505
0506
0507
0508
0509
0510
0511
0512
0513
0514
0515
0516
0517
0518
0519
0520
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
6.0
6.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
15
15
15
33
33
33
70
70
70
120
120
120
170
170
170
270
270
270
540
540
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
10
10
10
22
22
22
50
50
50
100
100
100
120
120
120
180
180
180
350
350
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0081
0082
0083
0084
0085
0086
0087
0088
0089
0090
0091
0092
0093
0094
0095
0096
0097
0098
0099
0100
0241
0242
0243
0244
0245
0246
0247
0248
0249
0250
0251
0252
0253
0254
0255
0256
0257
0258
0259
0260
220
220
220
140
140
140
70
70
70
50
50
50
38
38
38
32
32
32
24
24
2.0
2.0
2.0
3.3
3.3
3.3
5.5
5.5
5.5
7.5
7.5
7.5
10.5
10.5
10.5
13.0
13.0
13.0
17.5
17.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
10.0
10.0
10.0
6.0
6.0
6.0
18.0
18.0
18.0
28.0
28.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
7.0
7.0
0521
0522
0523
0524
0525
0526
0527
0528
0529
0530
0531
0532
0533
0534
0535
0536
0537
0538
0539
0540
2.66
2.66
2.66
1.99
1.99
1.99
1.46
1.46
1.46
0.99
0.99
0.99
1.16
1.16
1.16
0.96
0.96
0.96
0.67
0.67
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 25
+ 25
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 25
+ 25
- 16
- 16
- 16
- 20
- 20
- 20
- 28
- 28
- 28
- 28
- 28
- 28
- 32
- 32
- 32
- 48
- 48
- 48
- 70
- 70
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
8
8
8
15
15
15
40
40
40
68
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
20
10
5
20
10
5
20
10
5
20
0101
0102
0103
0104
0105
0106
0107
0108
0109
0110
0261
0262
0263
0264
0265
0266
0267
0268
0269
0270
0541
0542
0543
0544
0545
0546
0547
0548
0549
0550
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
8.0
2.0
2.0
2.0
2.5
2.5
2.5
5.0
5.0
5.0
6.5
275
275
275
175
175
175
65
65
65
60
- 16
- 16
- 16
- 20
- 20
- 20
- 24
- 24
- 24
- 24
+ 8
+8
+8
+10.5
+10.5
+10.5
+10.5
+10.5
+10.5
+13
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 15
3.32
3.32
3.32
2.21
2.21
2.21
1.66
0.66
0.66
1.27
390
390
750
750
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com