Electronic Components Datasheet Search
  English  ▼

X  

M39006/25 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # M39006/25
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/25 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button M39006/25 Datasheet HTML 13Page - Vishay Siliconix M39006/25 Datasheet HTML 14Page - Vishay Siliconix M39006/25 Datasheet HTML 15Page - Vishay Siliconix M39006/25 Datasheet HTML 16Page - Vishay Siliconix M39006/25 Datasheet HTML 17Page - Vishay Siliconix M39006/25 Datasheet HTML 18Page - Vishay Siliconix M39006/25 Datasheet HTML 19Page - Vishay Siliconix M39006/25 Datasheet HTML 20Page - Vishay Siliconix M39006/25 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
30
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Max. CAPACITANCE
CHANGE (%) at
Max. ESR
at + 25
°C
100kHz
(Ohms)
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/31-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR91, M39006/31-XXXX
+ 85
°C
+ 125
°C
T1
T1
T2
T2
T3
T3
T4
T4
0057
0058
0059
0060
0061
0062
0063
0064
0145
0146
0147
0148
0149
0150
0151
0152
0233
0234
0235
0236
0237
0238
0239
0240
3.0
3.0
4.0
4.0
8.0
8.0
9.0
9.0
12.0
12.0
20.0
20.0
32.0
32.0
36.0
36.0
5.1
5.1
9.5
9.5
15
15
13.5
13.5
144
144
54
54
29
29
23
23
- 24
- 24
- 36
- 36
- 40
- 40
- 45
- 45
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
+ 20
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 25
2.51
2.51
1.26
1.26
0.91
0.91
0.67
0.67
20
10
20
10
20
10
20
10
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
33
33
120
120
270
270
330
330
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
50 WVDC at + 85
°C . . . 30 WVDC at + 125°C
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
22
22
82
82
180
180
220
220
100 WVDC at + 85
°C . . . 65 WVDC at + 125°C
10
10
39
39
68
68
120
120
125 WVDC at + 85
°C . . . 85 WVDC at + 125°C
6.8
6.8
27
27
47
47
82
82
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
0049
0050
0051
0052
0053
0054
0055
0056
0137
0138
0139
0140
0141
0142
0143
0144
0225
0226
0227
0228
0229
0230
0231
0232
2.0
2.0
4.0
4.0
8.0
8.0
9.0
9.0
9.0
9.0
24.0
24.0
32.0
32.0
36.0
36.0
6.15
6.15
11.25
11.25
18.5
18.5
19
19
135
135
49
49
29
29
22
22
- 29
- 29
- 42
- 42
- 46
- 46
- 46
- 46
+ 10
+ 10
+ 12
+ 12
+ 20
+ 20
+ 25
+ 25
+ 12
+ 12
+ 15
+ 15
+ 25
+ 25
+ 30
+ 30
2.48
2.48
1.25
1.25
0.91
0.91
0.77
0.77
27
27
100
100
220
220
270
270
T1
T1
T2
T2
T3
T3
T4
T4
0065
0066
0067
0068
0069
0070
0071
0072
0153
0154
0155
0156
0157
0158
0159
0160
0241
0242
0243
0244
0245
0246
0247
0248
3.0
3.0
4.0
4.0
9.0
9.0
10.0
10.0
12.0
12.0
24.0
24.0
36.0
36.0
40.0
40.0
4.25
4.25
7.6
7.6
12.2
12.2
18.5
18.5
157
157
63
63
30
30
24
24
- 19
- 19
- 30
- 30
- 35
- 35
- 40
- 40
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
+ 20
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 25
2.57
2.57
1.23
1.23
0.90
0.90
1.12
1.12
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
0073
0074
0075
0076
0077
0078
0079
0080
0161
0162
0163
0164
0165
0166
0167
0168
0249
0250
0251
0252
0253
0254
0255
0256
3.0
3.0
5.0
5.0
10.0
10.0
12.0
12.0
12.0
12.0
24.0
24.0
40.0
40.0
48.0
48.0
2.25
2.25
5.2
5.2
5.65
5.65
12.5
12.5
200
200
80
80
40
40
30
30
- 17
- 17
- 20
- 20
- 30
- 30
- 35
- 35
+ 10
+ 10
+ 12
+ 12
+ 14
+ 14
+ 15
+ 15
+ 12
+ 12
+ 15
+ 15
+ 16
+ 16
+ 17
+ 17
2.99
2.99
1.77
1.77
1.11
1.11
1.38
1.38
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
0081
0082
0083
0084
0085
0086
0087
0088
0169
0170
0171
0172
0173
0174
0175
0176
0257
0258
0259
0260
0261
0262
0263
0264
3.0
3.0
5.0
5.0
10.0
10.0
12.0
12.0
12.0
12.0
24.0
24.0
40.0
40.0
48.0
48.0
3
3
3.6
3.6
3.95
3.95
8.7
8.7
300
300
90
90
50
50
32
32
- 14
- 14
- 18
- 18
- 26
- 26
- 30
- 30
+ 10
+ 10
+ 12
+ 12
+ 14
+ 14
+ 15
+ 15
+ 12
+ 12
+ 15
+ 15
+ 16
+ 16
+ 17
+ 17
5.86
5.86
1.77
1.77
1.12
1.12
1.41
1.41
20
10
20
10
20
10
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com