Electronic Components Datasheet Search
  English  ▼

X  

MCP3301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCP3301
Description  Matched Microchannel Plate Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCP3301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCP3301 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCP3301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP
MCP3301
Matched Microchannel Plate Set
Standard Resistance Microchannel Plate
for Detectors
Maximize Your Instrument’s
Performance With Our
Optimum Five Micron Pore
Microchannel Plate
The Model MCP3301 is K and M
Electronic’s standard resistance
Microchannel Plate (MCP) for Time-of-
Flight Mass Spectrometry (TOF/MS).
These optimum quality plates have precise
five-micron pores, creating extremely high
channel density that offers higher sensitivity
and resolution than plates with
conventional 10-micron pores.
Features
•5
mm pore size
• Imaging quality
• Rugged
• High tolerance for air/humidity
• Good flatness
Benefits
• Long lifetime
• Simple handling
• High open area ratio
• Minimal response dead time
• High detection efficiency
• High active channel percentage
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Channel Number
Parameter
Value
Gain
2-8 x 107
PHR, %
70-100
PVR
2-4
SNR
6-10
Dark Count cts./sec.
5
Pulse Width, nsec.
1
Maximum Count Rate
10 MHz


Similar Part No. - MCP3301

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3301 MICROCHIP-MCP3301 Datasheet
700Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3301 MICROCHIP-MCP3301 Datasheet
647Kb / 38P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3301-BI/MS MICROCHIP-MCP3301-BI/MS Datasheet
758Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3301-BI/P MICROCHIP-MCP3301-BI/P Datasheet
758Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3301-BI/SN MICROCHIP-MCP3301-BI/SN Datasheet
758Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
More results

Similar Description - MCP3301

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
LONG SCALE MICROCHANNEL PLATE
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
WIDE DYNAMIC RANGE MICROCHANNEL PLATES
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
MICROCHANNEL PLATE-PHOTOMULTIPLIER
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com