Electronic Components Datasheet Search
  English  ▼

X  

LM8342 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM8342
Description  Programmable TFT V Calibrator with Non-Volatile Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8342 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8342 Datasheet HTML 7Page - Texas Instruments LM8342 Datasheet HTML 8Page - Texas Instruments LM8342 Datasheet HTML 9Page - Texas Instruments LM8342 Datasheet HTML 10Page - Texas Instruments LM8342 Datasheet HTML 11Page - Texas Instruments LM8342 Datasheet HTML 12Page - Texas Instruments LM8342 Datasheet HTML 13Page - Texas Instruments LM8342 Datasheet HTML 14Page - Texas Instruments LM8342 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DISPLAY
COLUMN DRIVER
ROW
DRIVER
MULTI
SOURCE
DC/DC
CONVERTER
& LDO
TIMING
CONTROL
VCOM
CALIBRATOR
VREF
GAMMA CORRECTION CURVE
LM8207
18 GAMMA BUFFER
VCOM
BUFFER
LM8342
VCOM BUFFER
COLUMN DRIVERS
CSTRAY
CSTRAY
CSTRAY
VCOM
VCOM
VCOM
PIXEL
TFT-LCD PANEL
PIXEL
PIXEL
APPROX
VDD/2
LM8342
www.ti.com
SNOSAM0B – NOVEMBER 2005 – REVISED MARCH 2013
Figure 22. TFT Display
Figure 22 shows a simplified diagram of a TFT display, showing how individual pixels are connected to the row,
column and VCOM driver. Each pixel is represented by a capacitor with an NMOS transistor connected to its top
plate. Pixels in a TFT panel are arranged in rows and columns. Row lines are connected to the NMOS gates,
and column lines to the NMOS sources. The back plate of every pixel is connected to a common voltage called
VCOM. The voltage applied to the top plates (i.e. Gamma Voltage) controls the pixel brightness. The column
drivers supply this gamma voltage via the column lines, and ‘write’ this voltage to the pixels one row at a time.
This is accomplished by having the row drivers selecting an individual row of pixels when the column drivers
write the gamma voltage levels. The row drivers sequentially apply a large positive pulse (typically 25V to 35V) to
each row line. This turns on the NMOS transistors connected to an individual row, allowing voltage from the
column lines to be written to the pixels.
Figure 23. TFT Panel Block Diagram
Figure 23 shows a block diagram of a TFT panel. The VCOM buffer supplies a common voltage (VCOM) to all the
pixels in a TFT panel. In general, VCOM is a DC voltage that is in the middle of the gamma voltage range. Screen
performance can be optimized by tuning the VCOM voltage in the calibration procedure. Using the LM8342, the
VCOM calibration procedure is simplified by elimination of the potentiometer adjustment task. This task is currently
performed at the factory using a trimmer adjustment tool and visual inspection, when using a stable reference
voltage and a potentiometer as a voltage divider to generate the VCOM voltage.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM8342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com