Electronic Components Datasheet Search
  English  ▼

X  

LM8364 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8364
Description  Micropower Undervoltage Sensing Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8364 Datasheet(HTML) 2 Page - Texas Instruments

  LM8364 Datasheet HTML 1Page - Texas Instruments LM8364 Datasheet HTML 2Page - Texas Instruments LM8364 Datasheet HTML 3Page - Texas Instruments LM8364 Datasheet HTML 4Page - Texas Instruments LM8364 Datasheet HTML 5Page - Texas Instruments LM8364 Datasheet HTML 6Page - Texas Instruments LM8364 Datasheet HTML 7Page - Texas Instruments LM8364 Datasheet HTML 8Page - Texas Instruments LM8364 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM8364
SNVS232B – MARCH 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.3V to 6.5V
RESET Output Voltage
−0.3V to 6.5V
RESET Output Current
70mA
Storage Temperature Range
−65°C to 150°C
Mounting Temp.
Lead Temp (Soldering, 10 sec)
260°C
Junction Temperature
125°
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Operating Ratings
(1)
Temperature Range
−40°C to 85°C
Thermal Resistance to ambient (
θJA)
265°C/W
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VDET−
Detector Threshold Voltage
High to Low State Output
(VIN Decreasing)
20 Suffix
1.950
2.0
2.050
27 Suffix
2.633
2.7
2.767
V
30 Suffix
2.925
3.0
3.075
32 Suffix
3.120
3.2
3.280
45 Suffix
4.388
4.5
4.613
VHYS
Detector Threshold Hysteresis
VIN Increasing
20 Suffix
0.060
0.100
0.140
27 Suffix
0.081
0.135
0.189
V
30 Suffix
0.090
0.150
0.210
32 Suffix
0.096
0.160
0.224
45 Suffix
0.135
0.225
0.315
ΔVdet/ΔT
Detector Threshold Voltage
±100
PPM/°C
Temperature Coefficient
VOL
RESET Output Voltage Low
(Open Drain Output: ISINK = 1mA)
0.25
0.5
V
State
IOL
RESET Output Sink Current
VIN = 1.5V, VOL = 0.5V
1.0
2.5
mA
VIN
Operating Input Voltage Range
1.0
6.0
V
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM8364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com