Electronic Components Datasheet Search
  English  ▼

X  

LM9074MX Datasheet(PDF) 2 Page - Texas Instruments

Part # LM9074MX
Description  System Voltage Regulator with Keep-Alive ON/OFF Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9074MX Datasheet(HTML) 2 Page - Texas Instruments

  LM9074MX Datasheet HTML 1Page - Texas Instruments LM9074MX Datasheet HTML 2Page - Texas Instruments LM9074MX Datasheet HTML 3Page - Texas Instruments LM9074MX Datasheet HTML 4Page - Texas Instruments LM9074MX Datasheet HTML 5Page - Texas Instruments LM9074MX Datasheet HTML 6Page - Texas Instruments LM9074MX Datasheet HTML 7Page - Texas Instruments LM9074MX Datasheet HTML 8Page - Texas Instruments LM9074MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM9074
System Voltage Regulator with Keep-Alive ON/OFF
Control
General Description
The LM9074 is a 5V, 3% accurate, 180 mA NPN voltage
regulator. The regulator features an active low delayed reset
output flag which can be used to reset a microprocessor
system on turn-ON and in the event that the regulator output
falls out of regulation for any reason. An external capacitor
programs a delay time interval before the reset output can
return high.
Designed for automotive application the LM9074 contains a
variety of protection features such as reverse battery, over-
voltage shutdown, thermal shutdown, input transient protec-
tion and a wide operating temperature range.
A unique two-input logic control scheme is used to enable or
disable the regulator output. An ON/OFF input can be pro-
vided by an ignition switch derived signal while a second,
Keep-Alive input, is generated by a system controller. This
allows for a system to remain ON after ignition has been
switched OFF. The system controller can then execute a
power-down routine and after which command the regulator
OFF to a low quiescent current state (60 µA max).
Design techniques have been employed to allow the regu-
lator to remain operational and not generate false reset
signals when subjected to high levels of RF energy (300V/m
from 2 MHz to 400 MHz).
Features
n
Automotive application reliability
n
3% output voltage tolerance
n
Insensitive to radiated RFI
n
Dropout voltage less than 2.5V with 180mA output
current
n
Externally programmed reset delay interval
n
Keep-alive feature with 2 logic control inputs
n
+40V Load dump transient protection
n
Thermal shutdown
n
Short circuit protection and disable safety features
n
Reverse battery protection
n
Low OFF quiescent current, 60µA maximum
n
Wide operating temperature range −40˚C to +125˚C
Connection Diagram and Ordering Information (Top View)
14-Pin SO Package
10130502
Order Number LM9074M
See NS Package Number M14A
November 2005
© 2005 National Semiconductor Corporation
DS101305
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com