Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments LM95071 Datasheet HTML 14Page - Texas Instruments LM95071 Datasheet HTML 15Page - Texas Instruments LM95071 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
GPI/O
RXD
TXD
CS
SI/O
SC
V
+
GND
0.1 2F
Intel
196
Micro-
Controller
LM95071/
LM95071-Q1
+5V
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
APPLICATION HINTS
THERMAL PATH CONSIDERATIONS
To get the expected results when measuring temperature with an integrated circuit temperature sensor like the
LM95071/LM95071-Q1, it is important to understand that the sensor measures its own die temperature. For the
LM95071/LM95071-Q1, the best thermal path between the die and the outside world is through the
LM95071/LM95071-Q1's pins. In the SOT-23 package, all the pins on the LM95071/LM95071-Q1 will have an
equal effect on the die temperature. Because the pins represent a good thermal path to the LM95071/LM95071-
Q1 die, the LM95071/LM95071-Q1 will provide an accurate measurement of the temperature of the printed circuit
board on which it is mounted. There is a less efficient thermal path between the plastic package and the
LM95071/LM95071-Q1 die. If the ambient air temperature is significantly different from the printed circuit board
temperature, it will have a small effect on the measured temperature.
OUTPUT CONSIDERATIONS: TIGHT ACCURACY, FINE RESOLUTION AND LOW NOISE
The LM95071/LM95071-Q1 is well suited for applications that require tight temperature measurement accuracy.
In many applications, from process control to HVAC, the low temperature error can mean better system
performance and, by eliminating a system calibration step, lower production cost.
With it's fine digital resolution the LM95071/LM95071-Q1 senses and reports very small changes in its
temperature, making it ideal for applications where temperature sensitivity is important. For example, the
LM95071/LM95071-Q1 enables the system to quickly identify the direction of temperature change, allowing the
processor to take compensating action before the system reaches a critical temperature.
The LM95071/LM95071-Q1 has very low output noise (see Figure 9 in the Typical Performance section), which
makes it ideal for applications where stable thermal compensation is a priority. For example, in a temperature-
compensated oscillator application, the very small deviation in successive temperature readings translates to a
stable frequency output from the oscillator.
Typical Applications
Figure 14. Temperature monitor using Intel 196 processor
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com