Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555
Description  CMOS Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC555 Datasheet HTML 9Page - Texas Instruments LMC555 Datasheet HTML 10Page - Texas Instruments LMC555 Datasheet HTML 11Page - Texas Instruments LMC555 Datasheet HTML 12Page - Texas Instruments LMC555 Datasheet HTML 13Page - Texas Instruments LMC555 Datasheet HTML 14Page - Texas Instruments LMC555 Datasheet HTML 15Page - Texas Instruments LMC555 Datasheet HTML 16Page - Texas Instruments LMC555 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LMC555
www.ti.com
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LMC555
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
To allow the LED to flash on for a noticeable amount of time, a 5-second time delay was chosen for this
application. By using the equation:
t = 1.1 × R × C seconds
where
•
RC equals 4.545
(7)
If R is chosen as 100 kΩ, C = 45.4 µF. The values of R = 100 kΩ and C = 47 µF was chosen based on standard
values of resistors and capacitors.
A momentary push button switch connected to ground is connected to the trigger input with a 10-kΩ current
limiting resistor pull up to the supply voltage. When the push button is pressed, the trigger pin goes to GND. An
LED is connected to the output pin with a current limiting resistor in series from the output of the LMC555 to
GND. The reset pin is not used and was connected to the supply voltage.
9.2.3 Application Curve
The data shown in Figure 10 was collected with the circuit used in the typical applications section. The LM555
was configured in the monostable mode with a time delay of 5.17 s. The waveforms correspond to:
•
Top Waveform (Blue) – Capacitor voltage
•
Middle Waveform (Purple) – Trigger
•
Bottom Waveform (Green) – Output
As the trigger pin pulses low, the capacitor voltage starts charging and the output goes high. The output goes low
as soon as the capacitor voltage reaches 2/3 of the supply voltage, which is the time delay set by the R and C
value. For this example, the time delay is 5.17 seconds.
Figure 10. Trigger, Capacitor Voltage, and Output Waveforms in Monostable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com