Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC841ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC841ADBLE
Description  10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC841ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC841ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC841ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DB, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
LE
DESCRIPTION/ORDERING INFORMATION
SN74LVC841A
10-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS307J – MARCH 1993 – REVISED FEBRUARY 2005
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 6.7 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 10-bit bus-interface D-type latch is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC841A is designed specifically for driving highly capacitive or relatively low-impedance loads. It is
particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers.
The ten latches are transparent D-type latches. The device has noninverting data (D) inputs and provides true
data at its outputs.
A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (high or
low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC841ADW
SOIC – DW
LVC841A
Reel of 2000
SN74LVC841ADWR
SSOP – DB
Reel of 2000
SN74LVC841ADBR
LC841A
–40
°C to 85°C
Tube of 60
SN74LVC841APW
TSSOP – PW
Reel of 2000
SN74LVC841APWR
LC841A
Reel of 250
SN74LVC841APWT
TVSOP – DGV
Reel of 2000
SN74LVC841ADGVR
LC841A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC841ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC841ADB TI-SN74LVC841ADB Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841ADBR TI2-SN74LVC841ADBR Datasheet
441Kb / 18P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
SN74LVC841ADBR.B TI2-SN74LVC841ADBR.B Datasheet
441Kb / 18P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
More results

Similar Description - SN74LVC841ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com