Electronic Components Datasheet Search
  English  ▼

X  

52-PV8F2V0SS331M14 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV8F2V0SS331M14
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV8F2V0SS331M14 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV8F2V0SS331M14 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV8F2V0SS-331-M14
1:1
5/5/2015
52-PV8F2V0SS331M14
B
MW
1
1
3 1
2 4
(+)
(+)
(-)
A
21845
RELEASE FOR PRODUCTION
5/5/15
MW
40.8 1.0
1.61 .04 in
[
]
30.4 1.0
1.20 .04 in
[
]
21.4
[.84 in]
28.00
[1.102 in]
19.80
[.78 in]
15.50
[.61 in]
2.0
[.08 in]
M25x1.0
ACTUATOR: STAINLESS STEEL
BODY: STAINLESS STEEL
RING ILLUMINATION: GREEN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NOS. FOR REF. ONLY
4. RATING: 2A @ 48VDC
5. ILLUMINATION VOLTAGE: 2.8V FORWARD, 2.8V REVERSE
6. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
7. INSULATION RESISTANCE: 1,000M
@ 500VDC
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. ELECTRICAL LIFE: 50,000 CYCLES
10. OPERATING TEMPERATURE: -20 C TO 55 C
11. INGRESS PROTECTION: IP65
12. SUPPLIED HARDWARE: O-RING AND HEXNUT
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
SWITCH FUNCTION
1-2
5-6
(3-4)
(7-8)
( ) = MOMENTARY
1
3
5
7
2
4
6
8
DPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
GREEN (FORWARD)
GREEN (REVERSE)
(+)
(-)
+
+
-
-
7.00
[.276 in]
13.60
[.535 in]
12.20
[.480 in]
6.00
[.236 in]
DOT DENOTES
LED COLOR
.50
[.020 in]
POWER SYMBOL
ILLUMINATION: GREEN
10.50
[.413 in]
25.00
[.984 in]
11.90
[.469 in]
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
B
21947
UPDATE TO "D" HOUSING
8/17/15
MW
11.70
[.461 in]
FLAT


Similar Part No. - 52-PV8F2V0SS331M14

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV8F2V0SS331 E-SWITCH-52-PV8F2V0SS331 Datasheet
71Kb / 1P
Silver Plated Brass
More results

Similar Description - 52-PV8F2V0SS331M14

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com