Electronic Components Datasheet Search
  English  ▼

X  

MS7320 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS7320
Description  InVista?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS7320 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS7320 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS7320 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Decodes RSS-14, RSS Limited and RSS
Expanded bar codes
• Firmware updates via Flash ROM
• EAS deactivation antenna is standard
• Supports commonly used interfaces
including USB and Keyboard Wedge
• User-replaceable, single cable
interface to host
• Field replaceable window
• RS232 auxiliary port for adding
peripherals
• OPOS and JPOS system compatible
Metrologic’s MS7320 InVista offers
an outstanding combination of features, versatility,
performance, and durability. This fixed mount
laser bar code scanner provides ease of use and
high throughput speeds by featuring a large,
dynamic, and aggressive scan volume. InVista
scanners are sure to provide a positive influence
on the productivity of your check out operations
by minimizing operator effort and increasing
check out speed.
Each InVista is shipped with an integrated EAS
deactivation antenna that provides simultaneous
scanning and deactivation of security tags, which
are used to reduce shrink in retail applications.
With a field-replaceable outer window, damaged
windows can now be changed easily, eliminating
the need to send the entire unit back for repair.
The small footprint takes up minimal counter
space while maximizing flexibility with the use
of the multi-positioning stand. The setup and
integration are simplified by using bar code
menus or Windows based software. Supporting
multiple interfaces, InVista is compatible with
almost every POS system currently on the market.
The RS232 auxiliary port allows for hand held
scanners or other peripherals to be connected
quickly and easily.
With all of the outstanding features, end-users are
ensured this scanner will meet the present and
future needs of the scanning environments for which
it is designed – grocery stores, convenience stores,
supermarkets, pharmacies, and specialty stores.
MS7320 InVista™
MS7320 InVistaTM offers an outstanding
combination of features, versatility,
performance, and durability. This fixed
mount laser bar code scanner provides
ease of use and high throughput
speeds by featuring a large, dynamic,
and aggressive scan volume.
Mount or use with or without stand


Similar Part No. - MS7320

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7305D INTERSEMA-MS7305D Datasheet
196Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 5 kPa)
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 10 kPa)
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MS73DA MICRO-ELECTRONICS-MS73DA Datasheet
43Kb / 1P
ULTRA HIGH BRIGHTNESS RECTANGULAR BAR RED LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com