Electronic Components Datasheet Search
  English  ▼

X  

LM3488MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3488MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3488MM Datasheet HTML 17Page - Texas Instruments LM3488MM Datasheet HTML 18Page - Texas Instruments LM3488MM Datasheet HTML 19Page - Texas Instruments LM3488MM Datasheet HTML 20Page - Texas Instruments LM3488MM Datasheet HTML 21Page - Texas Instruments LM3488MM Datasheet HTML 22Page - Texas Instruments LM3488MM Datasheet HTML 23Page - Texas Instruments LM3488MM Datasheet HTML 24Page - Texas Instruments LM3488MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
RSL >
40 2A
RSEN x (Vo - 2VIN)
2 x fS x L
- VSL
RSEN <
2 x VSL x fS x L
Vo - (2 x VIN)
RSEN =
VSENSE - (D x VSENSE x VSLratio)
ISWLIMIT
ISWLIMIT =
IOUT
(1-D)
+
(D x VIN)
(2 x fS x L)
RSEN =
VSENSE - (D x VSL)
ISWLIMIT
LM3488, LM3488-Q1
www.ti.com
SNVS089N – JULY 2000 – REVISED DECEMBER 2014
8.2.1.2.3
Setting the Current Limit
The maximum amount of current that can be delivered to the load is set by the sense resistor, RSEN. Current limit
occurs when the voltage that is generated across the sense resistor equals the current sense threshold voltage,
VSENSE. When this threshold is reached, the switch will be turned off until the next cycle. Limits for VSENSE are
specified in Electrical Characteristics. VSENSE represents the maximum value of the internal control signal VCS.
This control signal, however, is not a constant value and changes over the course of a period as a result of the
internal compensation ramp (see Figure 20). Therefore the current limit threshold will also change. The actual
current limit threshold is a function of the sense voltage (VSENSE) and the internal compensation ramp:
RSEN x ISWLIMIT = VCSMAX = VSENSE - (D x VSL)
where
•
ISWLIMIT is the peak switch current limit, defined by the equation below. As duty cycle increases, the control
voltage is reduced as VSL ramps up. Since current limit threshold varies with duty cycle, the following equation
should be used to select RSEN and set the desired current limit threshold:
(15)
(16)
The numerator of the above equation is VCS, and ISWLIMIT is calculated as:
(17)
To avoid false triggering, the current limit value should have some margin above the maximum operating value,
typically 120%. Values for both VSENSE and VSL are specified in Electrical Characteristics. However, calculating
with the limits of these two specs could result in an unrealistically wide current limit or RSEN range. Therefore, the
following equation is recommended, using the VSL ratio value given in Electrical Characteristics:
(18)
RSEN is part of the current mode control loop and has some influence on control loop stability. Therefore, once
the current limit threshold is set, loop stability must be verified. To verify stability, use the following equation:
(19)
If the selected RSEN is greater than this value, additional slope compensation must be added to ensure stability,
as described in Current Limit with External Slope Compensation.
8.2.1.2.4
Current Limit with External Slope Compensation
RSL is used to add additional slope compensation when required. It is not necessary in most designs and RSL
should be no larger than necessary. Select RSL according to the following equation:
where
•
RSEN is the selected value based on current limit. With RSL installed, the control signal includes additional
external slope to stabilize the loop, which will also have an effect on the current limit threshold. Therefore, the
current limit threshold must be re-verified, as illustrated in the equations below :
(20)
VCS = VSENSE – (D x (VSL + ΔVSL))
where
•
ΔVSL is the additional slope compensation generated and calculated as:
(21)
ΔVSL = 40 µA x RSL
(22)
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com