Electronic Components Datasheet Search
  English  ▼

X  

LM4911Q Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4911Q
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4911Q Datasheet(HTML) 5 Page - Texas Instruments

  LM4911Q Datasheet HTML 1Page - Texas Instruments LM4911Q Datasheet HTML 2Page - Texas Instruments LM4911Q Datasheet HTML 3Page - Texas Instruments LM4911Q Datasheet HTML 4Page - Texas Instruments LM4911Q Datasheet HTML 5Page - Texas Instruments LM4911Q Datasheet HTML 6Page - Texas Instruments LM4911Q Datasheet HTML 7Page - Texas Instruments LM4911Q Datasheet HTML 8Page - Texas Instruments LM4911Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM4911, LM4911Q
www.ti.com
SNAS152M – MAY 2004 – REVISED JUNE 2011
Electrical Characteristics VDD = 3.3V
(1) (2) (3)
The following specifications apply for VDD = 3.3V, RL = 16Ω, and CB = 4.7µF unless otherwise specified.
Limits apply to TA = 25°C.
LM4911
LM4911Q
Units
Symbol
Parameter
Conditions
(Limits)
Typ(4)
Limit(5)
Typ(4)
Limit(5)
VIN = 0V, IO = 0A
IDD
Quiescent Current
TA = +25°C
1.5
3
1.5
3
mA (max)
TA = –40°C to +105°C
4
mA (max)
VSHUTDOWN = GND
ISD
Shutdown Current
TA = +25°C
0.1
2
0.1
2
µA (max)
TA = –40°C to +105°C
4
µA (max)
VMUTE = VDD, C-Coupled
IM
Mute Current
TA = +25°C
50
100
50
100
µA (max)
TA = –40°C to +105°C
125
µA (max)
Shutdown Voltage Input
VSDIH
TA = –40°C to +105°C
1.8
1.8
V
High
Shutdown Voltage Input
VSDIL
TA = –40°C to +105°C
0.4
0.4
V
Low
VMIH
Mute Voltage Input High
TA = –40°C to +105°C
1.8
1.8
V
VMIL
Mute Voltage Input Low
TA = –40°C to +105°C
0.4
0.4
V
THD
≤ 1%, `C-CUPL, RL = 16Ω
PO
Output Power
TA = +25°C
60
55
60
55
mW (min)
TA = –40°C to +105°C
50
mW (min)
Total Harmonic Distortion +
THD+N
PO = 15.3mW, f = 1kHz
0.1
0.5
0.1
0.5
% (max) (6)
Noise
Power Supply Rejection
VRIPPLE = 200mV sine p-p
PSRR
65
65
dB
Ratio
f = 1kHz (7)
VON
Output Noise Voltage
BW = 20Hz to 20kHz, A-weighted
10
10
µV
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits.Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(6)
The limit is specified over the temperature range of –40°C to +85°C.
(7)
10
Ω terminated input.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4911 LM4911Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com