Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LM7301
www.ti.com
SNOS879I – AUGUST 1999 – REVISED MAY 2016
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Electrical Characteristics: 2.2-V DC (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.2 V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2
unless noted that limits apply at the temperature.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISC
Output short-circuit current
Sourcing
TA = 25°C
8
10.9
mA
TA = TJ
5.5
Sinking
TA = 25°C
6
7.7
TA = TJ
5
IS
Supply current
TA = 25°C
0.57
0.97
mA
TA = TJ
1.24
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the devices such that TJ = TA. No ensure of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/RθJA. All numbers apply for packages soldered directly into a PC board.
6.8 Electrical Characteristics: 30-V DC
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 30 V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2
unless noted that limits apply at the temperature
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input offset voltage
0.04
6
mV
8
TCVOS
Input offset voltage average
drift
TA = TJ
2
μV/°C
IB
Input bias current
VCM = 0 V
TA = 25°C
103
300
nA
TA = TJ
500
VCM = 30 V
TA = 25°C
−100
−50
TA = TJ
−200
IOS
Input offset current
VCM = 0 V
TA = 25°C
1.2
90
nA
TA = TJ
190
VCM = 30 V
TA = 25°C
0.5
65
TA = TJ
135
RIN
Input resistance
0 V
≤ VCM ≤ 30 V
200
MΩ
CMRR
Common mode rejection ratio
0 V
≤ VCM ≤ 30 V
TA = 25°C
80
104
dB
TA = TJ
78
0 V
≤ VCM ≤ 27 V
TA = 25°C
90
115
TA = TJ
88
PSRR
Power supply rejection ratio
2.2 V
≤ V+ ≤ 30 V
TA = 25°C
87
104
dB
TA = TJ
84
VCM
Input common-mode voltage
range
CMRR > 80 dB
30.1
V
−0.1
AV
Large signal voltage gain
RL = 10 kΩ
VO = 28 VPP
TA = 25°C
30
105
V/mV
TA = TJ
20
VO
Output swing
RL = 10 kΩ
TA = 25°C
0.16
0.275
V
TA = TJ
0.375
TA = 25°C
29.75
29.8
TA = TJ
28.65
ISC
Output short-circuit current
Sourcing(2)
TA = 25°C
8.8
11.7
mA
TA = TJ
6.5
Sinking(2)
TA = 25°C
8.2
11.5
TA = TJ
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com