Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM8207
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8207 Datasheet HTML 7Page - Texas Instruments LM8207 Datasheet HTML 8Page - Texas Instruments LM8207 Datasheet HTML 9Page - Texas Instruments LM8207 Datasheet HTML 10Page - Texas Instruments LM8207 Datasheet HTML 11Page - Texas Instruments LM8207 Datasheet HTML 12Page - Texas Instruments LM8207 Datasheet HTML 13Page - Texas Instruments LM8207 Datasheet HTML 14Page - Texas Instruments LM8207 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
6
8
10
12
14
16
VDD (V)
1.27
1.28
1.29
1.30
1.31
1.32
1.33
-40°C
25°C
85°C
125°C
10
100
1k
10k
10k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
125°C
VDD (V)
-40°C
25°C
85°C
0
5 10 15
40 45 50 55 60
ILOAD (mA)
1.28
1.29
1.30
1.31
1.32
1.33
1.34
1.35
1.36
20 25 30 35
-40°C
25°C
85°C
125°C
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, VDD = 16V, VSS = 0V. Unless otherwise specified.
Supply Current vs. Supply Voltage
Voltage Reference vs. Output Current
Figure 26.
Figure 27.
Voltage Reference PSRR
Voltage Reference vs. Supply Voltage
(Line Regulation)
Figure 28.
Figure 29.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com