Electronic Components Datasheet Search
  English  ▼

X  

DS1649 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1649
Description  Hex TRI-STATEE TTL to MOS Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1649 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1649 Datasheet HTML 1Page - National Semiconductor (TI) DS1649 Datasheet HTML 2Page - National Semiconductor (TI) DS1649 Datasheet HTML 3Page - National Semiconductor (TI) DS1649 Datasheet HTML 4Page - National Semiconductor (TI) DS1649 Datasheet HTML 5Page - National Semiconductor (TI) DS1649 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF7515
March 1986
DS1649DS3649DS1679DS3679 Hex TRI-STATE
TTL
to MOS Drivers
General Description
The DS1649DS3649 and DS1679DS3679 are Hex
TRI-STATE MOS drivers with outputs designed to drive
large capacitive loads up to 500 pF associated with MOS
memory systems PNP input transistors are employed to re-
duce input currents allowing the large fan-out to these driv-
ers needed in memory systems The circuit has Schottky-
clamped transistor logic for minimum propagation delay
and TRI-STATE outputs for bus operation
The DS1649DS3649 has a 15X resistor in series with the
outputs to dampen transients caused by the fast-switching
TRI-STATE
is a registered trademark of National Semiconductor Corp
output The DS1679DS3679 has a direct low impedance
output for use with or without an external resistor
Features
Y
High speed capabilities
 Typ 9 ns driving 50 pF
 Typ 30 ns driving 500 pF
Y
TRI-STATE outputs for data bussing
Y
Built-in 15X damping resistor (DS1649DS3649)
Y
Same pin-out as DM8096 and DM74366
Schematic Diagram
DS1649DS3649 only
TLF7515 – 1
Truth Table
Disable Input
Input Output
DIS 1
DIS 2
00
0
1
00
1
0
0
1
X
Hi-Z
1
0
X
Hi-Z
1
1
X
Hi-Z
X e Don’t care
Hi-Z e TRI-STATE mode
Connection Diagram
Dual-In-Line Package
TLF7515 – 2
Top View
Order Number DS1649J DS3649J
DS1679J DS3679J DS3649N or DS3679N
See NS Package Number J16A or N16A
Typical Application
TLF7515 – 3
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS1649

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1649 TI1-DS1649 Datasheet
390Kb / 8P
Hex TRI-STATE(RM) TTL to MOS Drivers
DS1649 TI1-DS1649_11 Datasheet
390Kb / 8P
Hex TRI-STATE(RM) TTL to MOS Drivers
More results

Similar Description - DS1649

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F545DM NSC-54F545DM Datasheet
166Kb / 8P
Octal Bidirectional Transceiver with TRI-STATEE Outputs
54LS244 NSC-54LS244 Datasheet
139Kb / 6P
Octal TRI-STATEE Buffers/Line Drivers/Line Receivers
DS16149 NSC-DS16149 Datasheet
132Kb / 6P
Hex MOS Drivers
logo
Micrel Semiconductor
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
REGISTERED HEX PECL-TO-TTL
logo
National Semiconductor ...
DS3628 NSC-DS3628 Datasheet
122Kb / 4P
Octal TRI-STATE MOS Drivers
F100124 NSC-F100124 Datasheet
107Kb / 4P
Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
REGISTERED HEX TTL-TO-PECL
logo
Texas Instruments
DS1649 TI1-DS1649_11 Datasheet
390Kb / 8P
Hex TRI-STATE(RM) TTL to MOS Drivers
DS16149 TI1-DS16149_11 Datasheet
381Kb / 8P
Hex MOS Drivers
logo
National Semiconductor ...
DS1648 NSC-DS1648 Datasheet
120Kb / 6P
TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com