Electronic Components Datasheet Search
  English  ▼

X  

CDEP147 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP147
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP147_13 Datasheet HTML 1Page - Sumida Corporation CDEP147_13 Datasheet HTML 2Page - Sumida Corporation CDEP147_13 Datasheet HTML 3Page - Sumida Corporation CDEP147_13 Datasheet HTML 4Page - Sumida Corporation CDEP147_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP147
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 14.9×14.9×8.0 mm Max.
• Product weight: 5.3g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 300pcs per reel
Applications
• Ideally used in personal computer CPU
power supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
②
①
③
8.5
6.6(8.2)
8.0(10.0)
13.31(11.1)
12.0
μH±20%
120ML
CDEP147NP-120MC-125
10.0
7.6(9.5)
9.2(11.5)
9.85(8.21)
10.0
μH±20%
100ML
CDEP147NP-100MC-125
11.0
8.2(10.3)
10.0(12.5)
7.80(6.50)
8.0
μH±20%
8R0ML
CDEP147NP-8R0MC-125
12.5
10.0(12.5)
11.6(14.5)
6.03(5.02)
6.1
μH±20%
6R1ML
CDEP147NP-6R1MC-125
16.0
11.6(14.5)
13.6(17.0)
4.97(4.14)
4.5
μH±20%
4R5ML
CDEP147NP-4R5MC-125
17.5
13.6(17.0)
16.0(20.0)
3.23(2.70)
3.1
μH±20%
3R1ML
CDEP147NP-3R1MC-125
20.0
16.8(21.0)
19.6(24.5)
2.02(1.69)
2.0
μH±20%
2R0ML
CDEP147NP-2R0MC-125
21.5
22.8(28.5)
26.4(33.0)
1.46(1.22)
1.1
μH±20%
1R1ML
CDEP147NP-1R1MC-125
23.0
33.9(42.4)
39.6(49.5)
1.18(0.98)
0.5
μH±20%
0R5ML
CDEP147NP-0R5MC-125
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
Electrical Characteristics-low D.C.R. type
6.
0
12
.0
10.2
15.5
2.
4
①
②
③
10.5
9.
0
2.
1±
0.
2
14
.5
±
0.
4
14.5±0.4
2.
6±
0.
2
2.
6±
0.
2
MAX.8.0
Electrical Characteristics


Similar Part No. - CDEP147_13

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP147-1R2MB SUMIDA-CDEP147-1R2MB Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-1R2MB-H SUMIDA-CDEP147-1R2MB-H Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-1R2MC SUMIDA-CDEP147-1R2MC Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-1R2MC-H SUMIDA-CDEP147-1R2MC-H Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP147-1R2NB SUMIDA-CDEP147-1R2NB Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP147_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com