Electronic Components Datasheet Search
  English  ▼

X  

CD43 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CD43
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43 Datasheet(HTML) 1 Page - Sumida Corporation

  CD43_13 Datasheet HTML 1Page - Sumida Corporation CD43_13 Datasheet HTML 2Page - Sumida Corporation CD43_13 Datasheet HTML 3Page - Sumida Corporation CD43_13 Datasheet HTML 4Page - Sumida Corporation CD43_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD43
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 4.8×4.3×3.5mm Max.
• Product weight :165mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 12.9”diameter reel
• 1500pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,
DSC/DVC, portable DVD etc as DC-DC
Converter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Halogen
Free
4.0±0.3
4.0
3.2±0.3
4.
5±
0.
3
φ
4.
5
1.
2
φ
PART OF ELECTRODE
PART OF SILK
R1.0
4.5
1.
5
5.
0
(1.0μH ~ 8.2μH)
(10μH ~ 68μH)


Similar Part No. - CD43_13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CD43-100 LINER-CD43-100 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-120 AITCOMPONENTS-CD43-120 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-150 AITCOMPONENTS-CD43-150 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-1R0 AITCOMPONENTS-CD43-1R0 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
More results

Similar Description - CD43_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com