Electronic Components Datasheet Search
  English  ▼

X  

RT9228 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9228
Description  ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9228 Datasheet HTML 1Page - Richtek Technology Corporation RT9228 Datasheet HTML 2Page - Richtek Technology Corporation RT9228 Datasheet HTML 3Page - Richtek Technology Corporation RT9228 Datasheet HTML 4Page - Richtek Technology Corporation RT9228 Datasheet HTML 5Page - Richtek Technology Corporation RT9228 Datasheet HTML 6Page - Richtek Technology Corporation RT9228 Datasheet HTML 7Page - Richtek Technology Corporation RT9228 Datasheet HTML 8Page - Richtek Technology Corporation RT9228 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9228
www.richtek.com
DS9228-03 July 2001
4
Function Block Diagram
Functional Pin Description
VCC (Pin 1)
Provide a 12V bias supply for the IC to this pin. This
pin also provides the gate bias charge for all the
MOSFETs controlled by the IC.
VID0, VID1, VID2, VID3, VID4 (Pin 6, 5, 4, 3, and 2)
VID0~4 are the input pins to the 5-bit DAC. The
states of these five pins program the internal voltage
reference, DACOUT. The level of DACOUT sets the
core converter output voltage. It also sets the core
PGOOD and OVP thresholds. Table 1 specifies the
DACOUT voltage of 32 combinations of VID levels.
PGOOD (Pin 7)
PGOOD is an open collector output used to indicate
the status of the output voltage. This pin is pulled low
when the core output is not within
±10% of the
DACOUT reference voltage and the other outputs are
below their under-voltage thresholds.
The PGOOD output is open for ‘11111’ VID codes
that inhibit operation. See table 1.
FAULT (Pin 8)
This pin is low during normal operation, but it is
pulled to about 8V (VCC = 12V) in the event of an
over-voltage or over-current condition.
SS (Pin 9)
Connect a capacitor from this pin to ground. This
capacitor, along with an internal 11
µA (VSS>1V)
current source, sets the soft-start interval of the
converter.
110%
90%
115%
POWER-ON
RESET (POR)
SOFT-START
& FAULT
LOGIC
TTL D/A
CONVERTER
(DAC)
OSCILLATOR
GATE
CONTROL
LOGIC
LINEAR
UNDER
VOLTAGE
PGOOD
PHASE1
LGATE1
PGND
GND
VCC
FB3
FAULT
VID0
VID1
VID2
VID3
SS
3.3V
OCSET1
VSEN1
COMPENSATION
GATE3
0.3V
3.3V
VIN2
1.26V
VOUT2
FB2
0.25A
0V
VCC
11
µA
5V
VID4
DACOUT
ERROR
AMP
LUV
OC1
FB1
PWM
INHIBIT
PWM COMP
LOWER
DRIVE
VCC
VCC
UPPER
DRIVE
UGATE1
200
µA
OC2
_
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com