Electronic Components Datasheet Search
  English  ▼

X  

SA5232 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA5232
Description  Matched dual high-performance low-voltage operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5232 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA5232 Datasheet HTML 2Page - NXP Semiconductors SA5232 Datasheet HTML 3Page - NXP Semiconductors SA5232 Datasheet HTML 4Page - NXP Semiconductors SA5232 Datasheet HTML 5Page - NXP Semiconductors SA5232 Datasheet HTML 6Page - NXP Semiconductors SA5232 Datasheet HTML 7Page - NXP Semiconductors SA5232 Datasheet HTML 8Page - NXP Semiconductors SA5232 Datasheet HTML 9Page - NXP Semiconductors SA5232 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
NE/SA/AU5232
Matched dual high-performance
low-voltage operational amplifier
2002 May 21
6
AC ELECTRICAL CHARACTERISTICS
Tamb = +25 °C; VCC = 2 V to 5.5 V; RL = 10 kΩ; CL = 100 pF; unless otherwise stated.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
NE5232
SA/AU5232
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate
Over full temperature range
0.5
0.8
0.5
0.8
V/
µs
BW
Unity gain bandwidth: –3 dB
Over full temperature range
2
2.5
4.0
2
2.5
4.0
MHz
θM
Phase Margin
CL = 50 pF
55
55
deg
tS
1% settling time
AV = 1, 1 V step
1.4
1.4
µs
VN
Input referred voltage noise
AV = 1, RS = 0 Ω, at 1 kHz
33
33
nV/Hz1/2
THD
Total harmonic distortion
10 kHz, 1VP-P, AV = 1
0.1
0.1
%
OUTPUT INVERSION PREVENTION
VIN
VOUT
VCC
+
–
CONVENTIONAL OP AMP
PHILIPS NE5232
t
t
VCC
VOUT
VOUT
VIN
VIN
VGND
VGND
VGND
VCC
47 k
Ω
5 V
47 k
Ω
5 V
SL01617
Figure 2.
Output inversion prevention.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com