Electronic Components Datasheet Search
  English  ▼

X  

AS11619 Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS11619
Description  LF Transmitter Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS11619 Datasheet(HTML) 2 Page - Sumida Corporation

  AS11619 Datasheet HTML 1Page - Sumida Corporation AS11619 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
Revised: 17-Aug-11
LF Transmitter Antenna
AS11619
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For more information, please browse our website http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600
Electrical Characteristics
3.3
Ω
2.2App
20
±1.5kHz
3.26
334
AS11619-20K
3.3
Ω
2.6App
134.2
±1.5kHz
25.8
103
AS11619-134E
3.3
Ω
2.5App
134.2
±1.5kHz
30.5
822
AS11619-134D
2.2
Ω
2.9App
134.2
±1.5kHz
36.3
682
AS11619-134C
2.2
Ω
2.5App
134.2
±1.5kHz
63.8
472
AS11619-134B
4.7
Ω
1.2App
134.2
±1.5kHz
65.2
332
AS11619 -134A
3.3
Ω
2.6App
125.0
±1.5kHz
26.3
103
AS11619-125E
3.3
Ω
2.4App
125.0
±1.5kHz
30.5
822
AS11619-125D
2.2
Ω
2.8App
125.0
±1.5kHz
41.7
682
AS11619-125C
2.2
Ω
2.5App
125.0
±1.5kHz
52.1
472
AS11619-125B
4.7
Ω
1.2App
125.0
±1.5kHz
60.1
332
AS11619 -125A
Load
resistance
Resonant
current
Resonant
frequency
Load Q
Tuning
capacitance
Part number



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com