Electronic Components Datasheet Search
  English  ▼

X  

AS4112 Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS4112
Description  LF Transmitter Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS4112 Datasheet(HTML) 1 Page - Sumida Corporation

  AS4112 Datasheet HTML 1Page - Sumida Corporation AS4112 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 17-Aug-11
LF Transmitter Antenna
AS4112
Description
• Compact LF transmitter antenna.
• Installation space can be saved.
• L
×W×H: 43.4×12 x15 mm
• Product weight: 7.5 g (harness excluded).
• Waterproof level: IPX6.
• Pre-set resonant frequency to 125kHz,
134.2kHz or customization.
• Reference electric field: 98
μV/m@3m
(@ 134.2kHz, 1.4App)
• Resin potted, with/without connector.
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+85℃
• Storage temperature range: -40
℃~+85℃
Packaging
• Plastic tray and carton box.
• Carton dimension: 500
×300×195mm.
• 90pcs/box.
Applications
• PEPS, Smart key system.
• Security system
RoHS
Dimension - [mm]
2-
2-
* The dimensions without tolerance are reference values.
CONNECTOR
(200)
(122)
(
)
(
)


Similar Part No. - AS4112

ManufacturerPart #DatasheetDescription
logo
Vaisala
AS41 VAISALA-AS41 Datasheet
224Kb / 2P
AUTOSONDE AS41
More results

Similar Description - AS4112

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
LF receiver antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
LF Receiver Antenna
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
LF Receiver Antenna
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
LF Transmitter Antenna
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
LF Transmitter Antenna
AS737 SUMIDA-AS737_11 Datasheet
100Kb / 2P
LF Transmitter Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
LF Receiver Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com