Electronic Components Datasheet Search
  English  ▼

X  

AS705B Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS705B
Description  Antenna < Transponder : RF-ID [TX] >
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS705B Datasheet(HTML) 2 Page - Sumida Corporation

  AS705B Datasheet HTML 1Page - Sumida Corporation AS705B Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Antenna < Transponder : RF-ID [TX] >
Type: AS705B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
◆ Schematic diagram
L: Ferrite core coil inductance.
C: Tuning internal capacitor.
R: Copper resistance.
◆ Electrical characteristic
Part number
Tuning
capacitance
Load Q
Resonant frequency
Resonant
current
Load
resistance
AS705B-125A
332
60.1
125.0±1.5kHz
1.2App
4.7Ω
AS705B-125B
472
52.1
125.0±1.5kHz
2.5App
2.2Ω
AS705B-125C
682
41.7
125.0±1.5kHz
2.8App
2.2Ω
AS705B-125D
822
30.5
125.0±1.5kHz
2.4App
3.3Ω
AS705B-125E
103
26.3
125.0±1.5kHz
2.6App
3.3Ω
AS705B-134A
332
65.2
134.2±1.5kHz
1.2App
4.7Ω
AS705B-134B
472
63.8
134.2±1.5kHz
2.5App
2.2Ω
AS705B-134C
682
36.3
134.2±1.5kHz
2.9App
2.2Ω
AS705B-134D
822
30.5
134.2±1.5kHz
2.5App
3.3Ω
AS705B-134E
103
25.8
134.2±1.5kHz
2.6App
3.3Ω
AS705B-20K
334
3.26
20.0±1.5kHz
2.2App
3.3Ω
* It is possible for customer specification at harness length and connector form.
* It is possible for other frequency.
◆ Packaging specification
・
・
・
・Using plastic tray packaging.
・
・
・
・Outside carton dimension: 500mm×300mm×175mm.
・
・
・
・Packaging quantity: 120pcs/ carton.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com