Electronic Components Datasheet Search
  English  ▼

X  

AS224 Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS224
Description  Antenna < Transponder: RF-ID ( TX ) >
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS224 Datasheet(HTML) 1 Page - Sumida Corporation

  AS224 Datasheet HTML 1Page - Sumida Corporation AS224 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Antenna < Transponder: RF-ID ( TX ) >
Type: AS224
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆ Product Description
*
*
*
* 24.5
×11.75mm Max(L×W),5.2mm Max. Height.
*
*
*
* Operating Temperature: -4
0℃ ~ +85℃.
◆
◆
◆
◆
Feature
*
*
*
* LF Transmitter antenna.
*
*
*
* Small size Pin type.
*
*
*
* Trigger antenna for TPMS maintenance device.
*
*
*
* RoHS Compliance.
◆ Mechanical dimensions ( unit: mm )
◆ Suggested PCB layout( unit: mm)
22.0±0.4
(3)
(4)
(2)
"F"
(2)
(1)
"S"
(1)
480
Date Code
(3)
(4)
4.
9±
0.
3
(24.0)
(4-0.64)
2-19.5±0.5
18.0±0.35
2-9.2±0.4
11.4±0.35
10.4±0.35
4-2.2±0.3
Adhesive
9.
2
19.5
4- 1.2±0.1


Similar Part No. - AS224

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208D ETC-AS2208D Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208N ETC-AS2208N Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
More results

Similar Description - AS224

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737 SUMIDA-AS737 Datasheet
24Kb / 1P
Transponder TX antenna< Pin Type: AS Series>
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
Transponder TX antenna
AS737C SUMIDA-AS737C Datasheet
211Kb / 1P
Transponder TX antenna
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
Transponder TX Antenna
AS637 SUMIDA-AS637 Datasheet
234Kb / 2P
Transponder TX Antenna
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
Transponder RX antenna
CAS19D17C SUMIDA-CAS19D17C_10 Datasheet
225Kb / 3P
Antenna < Transponder: RF-ID ( RX ) >
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
Antenna < Transponder : RF-ID [TX] >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com