Electronic Components Datasheet Search
  English  ▼

X  

SC1602 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC1602
Description  LCD MODULES 16 CHARACTERS x 2 LINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC1602 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC1602 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
C
C
o
o
o
LCD MODULES
SC1602D ( 16 CHARACTERS x 2 LINES )
FEATURES
ELECTRICAL CHARACTERISTICS
5 x 7 DOTS WITH CURSOR
SYMBOL CONDITION
MIN. TYP. MAX. UNIT
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0
-
4.8
-
V
5 V POWER SUPPLY
Voltage
VDD-VO
T=25
-
4.5
-
V
1/16 DUTY CYCLE
T=50
-
4.2
-
V
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-2
4
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0-
0.6
V
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
UNIT
Voltage
"LOW" Level
VOL
-
--
0.4
V
Module Size (W x H x T)
85.0 x 36.0 x 8.8 ( 12.7 LED )
mm
Viewing Area ( W x H )
65.0 x 16.0
mm
BLOCK DIAGRAM
Character Size ( W x H )
2.96 x 5.56
mm
Character Pitch (W x H)
3.55 x 5.94
mm
Dot Size ( W x H )
0.56 x 0.66
mm
Dot Pitch(WxH)
0.60 x0.70
mm
INTERFACE PIN CONNECTIONS
NO.
SYMBOL
NO. SYMBOL
FUNCTION
1VSS
Supply Ground
9
DB2
Data Bit 2
2VDD
Supply Voltage
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4
RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6
E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
EXTERNAL DIMENSIONS
ITEM
FUNCTION
ITEM
DIMENSIONS
LCD
CONTROL L ER
LCD PANEL
LCD SEGMENT
DRI V ER
L ED BACKL I GHT
COM16
SEG4 0
4
SEG4 0
DB0
DB7
RS
R/ W
E
Vo
VDD
Vs s
A
K


Similar Part No. - SC1602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC1602A ETC-SC1602A Datasheet
106Kb / 1P
16 CHARACTERS x 2 LINES
SC1602B ETC-SC1602B Datasheet
91Kb / 1P
16 CHARACTERS x 2 LINES
logo
Powertip Technology
SC1602LRU-LWA-H-Q POWERTIP-SC1602LRU-LWA-H-Q Datasheet
2Mb / 32P
STN,YG,Positive, Transflective Extended Temp.
More results

Similar Description - SC1602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC0802D ETC-SC0802D Datasheet
117Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
SC0802E ETC-SC0802E Datasheet
113Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
SC0802A ETC-SC0802A Datasheet
77Kb / 1P
LCD MODULES 8 CHARACTERS x 2 LINES
SC1604A ETC-SC1604A Datasheet
96Kb / 1P
LCD MODULES SC1604A ( 16 CHARACTERS x 4 LINES )
SC4002A ETC-SC4002A Datasheet
99Kb / 1P
LCD MODULES SC4002A ( 40 CHARACTERS x 2 LINES )
SD1602H ETC-SD1602H Datasheet
69Kb / 1P
LCD MODULES SD1602H ( 16 CHARACTERS x 2 LINES )
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
LCD MODULES 16 CHARACTERS x 1 LINES
SD1602I ETC-SD1602I Datasheet
103Kb / 1P
LCD MODULE (16 CHARACTERS X 2 LINES )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com