Electronic Components Datasheet Search
  English  ▼

X  

SED1521 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SED1521
Description  DOT MATRIX LCD DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SED1521 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SED1521 Datasheet HTML 17Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 18Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 19Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 20Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 21Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 22Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 23Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 24Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
371-1.0
21
3.0 Pin Configuration
3.2.3 – 3.2.3
CS
Chip Select input signal which is normally obtained by decoding an address bus sig-
nal. Effective with “L” active and a chip operating with external clocks. For a chip con-
taining an oscillator, CS works as an oscillation amplifier input pin to which an
oscillation resistor (Rf) is connected. In this case, RD, WR and E must be a signal
ANDed with CS.
E(RD)
Chip interfaced with 68 family MPU:
Enable Clock signal input for the 68 family MPU.
Chip interfaced with 80 family MPU:
“L” Active input pin to which the 80 family MPU RD signal is connected.
With this signal held at “L”, the SED1520 data bus works as output.
R/W (WR)
Chip interface with 68 family MPU:
Read/Write control signal input pin.
R/W = “H” : Read
R/W = “L” : Write
Chip interfaced with 80 family MPU:
“L” Active input pin to which the 80 family WR is connected. The signal
on the data bus is fetched by the leading edge of WR.
3.2.3 LCD Drive Circuit Signals
CL
Input signal effective with a chip using external clocks. This display data latch signal
increments the line counter (at the trailing edge) or the common counter (at the lead-
ing edge). CL is connected to CL2 of the common driver. For a chip containing an
oscillator, this pin works as the oscillation amplifier output pin to which an oscillation
resistor (Rf) is connected.
FR
LCD AC signal I/O pin. Connected to pin M of the common driver.
I/O selection:
Chip containing commons
M/S = 1 : Output
M/S = 0 : Input
Chip containing segments alone
: Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com